Zakładka z wyszukiwarką danych komponentów |
|
TL052IDRE4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
TL052IDRE4 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 68 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL051C and TL051AC operating characteristics at specified free-air temperature † TL051C, TL051AC PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX P iti l t 25 °C 16 13 20 SR+ Positive slew rate at unity gain‡ RL = 2 kΩ,CL = 100 pF, Full range 16.4 11 22.6 V/ µs Nti l t L , L , See Figure 1 25 °C 15 13 18 V/ µs SR– Negative slew rate at unity gain‡ Full range 16 11 19.3 25 °C 55 56 tr Rise time 0 °C 54 55 70 °C 63 63 ns VI(PP) = ±10 mV, R2 k Ω 25 °C 55 57 ns tf Fall time RL = 2 kΩ, CL = 100 pF 0 °C 54 56 CL = 100 F, See Figures 1 and 2 70 °C 62 64 g 25 °C 24 19 Overshoot factor 0 °C 24 19 % 70 °C 24 19 V Equivalent input noise f = 10 Hz 25 °C 75 75 nV/ √Hz Vn q voltage§ RS = 20 Ω, f = 1 kHz 25 °C 18 18 30 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage See Figure 3 f = 10 Hz to 10 kHz 25 °C 4 4 µV In Equivalent input noise current f = 1 kHz 25 °C 0.01 0.01 pA/ √Hz THD Total harmonic distortion¶ RS = 1 kΩ, f = 1 kHz RL = 2 kΩ, 25 °C 0.003 0.003 % V10 V R 2 k Ω 25 °C 3 3.1 B1 Unity-gain bandwidth VI = 10 mV, RL = 2 kΩ, CL =25 pF See Figure 4 0 °C 3.2 3.3 MHz CL = 25 F, See Figure 4 70 °C 2.7 2.8 Phase margin at unity V10 mV R 2 k Ω 25 °C 59 62 φm Phase margin at unity gain VI = 10 mV, RL = 2 kΩ, CL = 25 pF, See Figure 4 0 °C 58 62 deg gain CL = 25 F, See Figure 4 70 °C 59 62 † Full range is 0 °C to 70°C. ‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V. § This parameter is tested on a sample basis for the TL051A. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. ¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V. |
Podobny numer części - TL052IDRE4 |
|
Podobny opis - TL052IDRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |