Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PHE13003AU Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części PHE13003AU
Szczegółowy opis  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13003AU Arkusz danych(HTML) 4 Page - NXP Semiconductors

  PHE13003AU Datasheet HTML 1Page - NXP Semiconductors PHE13003AU Datasheet HTML 2Page - NXP Semiconductors PHE13003AU Datasheet HTML 3Page - NXP Semiconductors PHE13003AU Datasheet HTML 4Page - NXP Semiconductors PHE13003AU Datasheet HTML 5Page - NXP Semiconductors PHE13003AU Datasheet HTML 6Page - NXP Semiconductors PHE13003AU Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
Fig.7. Collector-Emitter saturation voltage.
Fig.8. Base-Emitter saturation voltage.
Solid Lines = typ values, I
C/IB = 3
Solid Lines = typ values, I
C/IB = 3
Fig.9. Test circuit inductive load.
Fig.10. Switching times waveforms with inductive load.
V
CC = 300 V; -VBE = 5 V, LC = 200 µH; LB = 1 µH
Fig.11. Test circuit resistive load. V
IM = -6 to +8 V
Fig.12. Switching times waveforms with resistive load.
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
0.01
0.1
1
2
0
0.5
1
1.5
2
IC, COLLECTOR CURRENT/A
VCEsat VOLTAGE/V
IC/IB = 3
25 C
-40 C
125 C
0.01
0.1
1
2
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
IC, COLLECTOR CURRENT/A
VBEsat VOLTAGE/V
IC/IB = 3
25 C
125 C
-40 C
LB
IBon
-VBB
LC
T.U.T.
VCC
IC
IB
ICon
IBon
-IBoff
t
t
ts
tf
toff
10 %
90 %
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
September 1999
4
Rev 1.000


Podobny numer części - PHE13003AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHE13003A NXP-PHE13003A Datasheet
155Kb / 11P
   Silicon diffused power transistor
Rev. 01-13 August 2009
logo
WeEn Semiconductors
PHE13003A WEEN-PHE13003A Datasheet
268Kb / 10P
   NPN power transistor
logo
NXP Semiconductors
PHE13003A PHILIPS-PHE13003A_15 Datasheet
157Kb / 12P
   NPN power transistor
Rev. 02-29 July 2010
More results

Podobny opis - PHE13003AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com