Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PHN70308 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części PHN70308
Szczegółowy opis  N-channel enhancement mode TrenchMOS transistor array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN70308 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  PHN70308 Datasheet HTML 1Page - NXP Semiconductors PHN70308 Datasheet HTML 2Page - NXP Semiconductors PHN70308 Datasheet HTML 3Page - NXP Semiconductors PHN70308 Datasheet HTML 4Page - NXP Semiconductors PHN70308 Datasheet HTML 5Page - NXP Semiconductors PHN70308 Datasheet HTML 6Page - NXP Semiconductors PHN70308 Datasheet HTML 7Page - NXP Semiconductors PHN70308 Datasheet HTML 8Page - NXP Semiconductors PHN70308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
PHN70308
TrenchMOS transistor array
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
25
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-25
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Peak drain current per device
T
sp = 50 ˚C
1
(continuous operation)
spindle FETs;
δ = 33.3%
-
5
A
Isolation FET (dc)
-
5
A
I
DM
Peak current per device (pulse
spindle FETs
-
20
A
peak value)
isolation FET
-
20
A
P
tot
Power dissipation per device
2
T
sp = 50 ˚C
spindle FETs;
δ = 33.3%
-
1.13
W
isolation FET (dc)
-
1.275
W
P
tot
Total power dissipation in normal
T
sp = 50 ˚C
-
8
W
operation
2
spindle FETs;
δ = 33.3%
isolation FET (dc)
T
stg, Tj
Storage & operating temperature
- 55
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance junction to
isolation FET
20
-
K/W
solder point
spindle FET
43
-
K/W
R
th j-a
Thermal resistance junction to
device soldered to FR4 board,
ambient
minimum footprint.
isolation FET
85
-
K/W
spindle FET
100
-
K/W
1 T
sp is the temperature at the soldering point of the drain leads.
2 In normal operation, the isolation FET conducts continuously whilst each of the spindle FETs conducts for 33.3%
of the time. The dissipation in the isolation transistor is given by:-
The dissipation in each of the spindle transistors is given by:-
The total dissipation under these conditions is given by:-
With the motor being driven at 5 A and assuming T
j = 150˚C, the total dissipation is:-
Switching losses are assumed to be negligible.
P
isolation = I
2xR
DS
(ON)(isolationFET)
P
spindle = 0.333xI
2xR
DS
(ON)(spindleFET)
P
tot = Pisolation + 6xPspindle
P
tot = 25x 0.03x 1.7 + 0.333x 25x 0.08x 1.7x 6 = 8W
May 1999
2
Rev 1.000


Podobny numer części - PHN70308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHN708 PHILIPS-PHN708 Datasheet
92Kb / 12P
   7 N-channel 80 mohm FET array enhancement mode MOS transistors
1998 Mar 17
More results

Podobny opis - PHN70308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com