Zakładka z wyszukiwarką danych komponentów |
|
M93C-46WDS3TG Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
M93C-46WDS3TG Arkusz danych(HTML) 10 Page - STMicroelectronics |
10 / 31 page M93C86, M93C76, M93C66, M93C56, M93C46 10/31 Erase The Erase Byte or Word (ERASE) instruction sets the bits of the addressed memory byte (or word) to 1. Once the address has been correctly decoded, the falling edge of the Chip Select Input (S) starts the self-timed Erase cycle. The completion of the cycle can be detected by monitoring the Ready/ Busy line, as described in the READY/BUSY STA- TUS section. Write For the Write Data to Memory (WRITE) instruction, 8 or 16 data bits follow the op-code and address bits. These form the byte or word that is to be writ- ten. As with the other bits, Serial Data Input (D) is sampled on the rising edge of Serial Clock (C). After the last data bit has been sampled, the Chip Select Input (S) must be taken Low before the next rising edge of Serial Clock (C). If Chip Select Input (S) is brought Low before or after this specific time frame, the self-timed programming cycle will not be started, and the addressed location will not be programmed. The completion of the cycle can be detected by monitoring the Ready/Busy line, as described later in this document. Once the Write cycle has been started, it is inter- nally self-timed (the external clock signal on Serial Clock (C) may be stopped or left running after the start of a Write cycle). The cycle is automatically preceded by an Erase cycle, so it is unnecessary to execute an explicit erase instruction before a Write Data to Memory (WRITE) instruction. Figure 5. ERASE, ERAL Sequences Note: For the meanings of An and Xn, please see Table 5., Table 6. and Table 7.. AI00879B S ERASE 1 1 D Q ADDR OP CODE 1 BUSY READY CHECK STATUS S ERASE ALL 1 0 D Q OP CODE 1 BUSY READY CHECK STATUS 0 0 An A0 Xn X0 ADDR |
Podobny numer części - M93C-46WDS3TG |
|
Podobny opis - M93C-46WDS3TG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |