Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2002-1U Arkusz danych(PDF) 5 Page - Minilogic Device Corporation Limited

Numer części ML2002-1U
Szczegółowy opis  Static/Half Duty LCD COG Driver with Real Time Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINILOGIC [Minilogic Device Corporation Limited]
Strona internetowa  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-1U Arkusz danych(HTML) 5 Page - Minilogic Device Corporation Limited

  ML2002-1U Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
P5/13
Preliminary, November 2008
ML2002 Preliminary
ii) Oscillator
The LCD driving signal of ML2002 is clocked either by the built-in oscillator, crystal oscillator or from
an external clock.
a) Internal clock
When the internal oscillator is used, BIOEN should be connected to GND and the OOUT should be
connected to FIN. The internal oscillator will oscillate at 32 kHz and the frequency is independent in the
range of 2.5V < VDD < 6.0V . Then connect OOUT to FIN.
b) Crystal clock
When using the crystal oscillator, BCOEN is connected to GND, then connect
the crystal to OSC+, and OSC-. Then connect OSC- to FIN. The OSC+ and
OSC- should connect as:
c) External clock
When using an external clock, BCOEN & BIOEN is connected to VDD then connects the external clock
to FIN (32 KHz) or LCLK (125Hz)
iii) Timing
ML2002 have several frequencies of clock signal for the users to choose for the LCD display clock (ie.
LCLK) and the blink clock (ie.BCLK). They include the following clock signals:
Frequency of Clock Signal at FIN = 32 kHz
Actual Divider of FIN
Target Input Pin
256/128 Hz
1/256(1/2 Duty) or 1/128(Static)
128/64 Hz
1/128(1/2 Duty) or 1/64(Static)
LCLK
4 Hz
1/8192
2 Hz
1/16384
1 Hz
1/32768
BCLK
iv) Segment outputs
ML2002 has 48 segment outputs which should be connected directly to the LCD. If less than 48 segments,
the unused segments should be left open circuit.
v) Common outputs
ML2002 consists of 2 common signals (ie. COM1A & COM1B). The common outputs should be left
open-circuit if the outputs are unused. Users can disable the COM1A and COM1B by connecting the
A
CEN1
and
B
CEN1
to VDD respectively. The common outputs will change to GND after disabling it.
vi) Blink
ML2002 has a blink function that users shall connect BEN to GND and input the blink clock (ie. BCLK)
either by connecting ML2002 output clock signal from Frequency Divider or an external clock signal.
Users shall disable blink function by connecting BEN to VDD.


Podobny numer części - ML2002-1U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minilogic Device Corpor...
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
   Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results

Podobny opis - ML2002-1U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minilogic Device Corpor...
ML1001 MINILOGIC-ML1001 Datasheet
644Kb / 14P
   ML1001 Series Static LCD COG Driver
ML2002 MINILOGIC-ML2002_11 Datasheet
1Mb / 13P
   Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com