Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE334S01-T1 Arkusz danych(PDF) 5 Page - NEC

Numer części NE334S01-T1
Szczegółowy opis  C BAND SUPER LOW NOISE HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

NE334S01-T1 Arkusz danych(HTML) 5 Page - NEC

  NE334S01-T1 Datasheet HTML 1Page - NEC NE334S01-T1 Datasheet HTML 2Page - NEC NE334S01-T1 Datasheet HTML 3Page - NEC NE334S01-T1 Datasheet HTML 4Page - NEC NE334S01-T1 Datasheet HTML 5Page - NEC NE334S01-T1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
NE334S01
VDS = 2 V, ID = 20 mA
0.1
1.002
-2.2
7.768
177.7
0.003
83.5
0.439
-1.4
-0.01
33.9
0.5
0.994
-10.7
7.685
169.3
0.011
85.2
0.436
-7.7
0.08
28.4
1.0
0.974
-21.3
7.530
159.0
0.022
77.5
0.430
-15.5
0.18
25.3
1.5
0.946
-31.7
7.350
149.1
0.033
71.7
0.419
-23.1
0.26
23.5
2.0
0.911
-41.9
7.155
139.5
0.042
66.3
0.405
-30.5
0.33
22.3
2.5
0.870
-52.0
6.927
130.1
0.051
61.3
0.388
-37.8
0.40
21.3
3.0
0.826
-62.2
6.682
121.0
0.060
55.8
0.367
-45.0
0.47
20.5
3.5
0.780
-72.4
6.418
112.1
0.068
50.5
0.346
-52.1
0.53
19.7
4.0
0.733
-82.6
6.152
103.5
0.076
45.6
0.322
-58.7
0.60
19.1
4.5
0.685
-93.1
5.871
95.0
0.083
40.9
0.298
-66.3
0.65
18.5
5.0
0.640
-103.6
5.592
86.9
0.088
36.3
0.272
-73.5
0.71
18.0
5.5
0.599
-114.3
5.326
79.1
0.094
31.9
0.248
-81.3
0.76
17.6
6.0
0.565
-125.1
5.077
71.6
0.099
27.7
0.222
-89.0
0.81
17.1
6.5
0.536
-136.0
4.822
64.3
0.103
23.8
0.198
-97.3
0.85
16.7
7.0
0.512
-146.9
4.595
57.2
0.107
19.5
0.176
-106.2
0.90
16.3
7.5
0.496
-157.8
4.375
50.2
0.111
16.0
0.156
-115.6
0.93
16.0
8.0
0.483
-168.6
4.166
43.5
0.113
11.8
0.138
-126.3
0.97
15.7
8.5
0.473
-178.5
3.979
37.0
0.117
8.6
0.120
-135.8
1.00
15.3
9.0
0.475
171.5
3.807
30.4
0.120
5.0
0.107
-149.5
1.02
14.2
9.5
0.478
161.6
3.644
24.0
0.123
1.2
0.096
-165.3
1.04
13.5
10.0
0.487
152.0
3.479
17.6
0.125
-2.9
0.092
175.2
1.06
13.0
10.5
0.498
142.5
3.327
11.4
0.128
-6.2
0.097
152.5
1.07
12.5
11.0
0.514
133.3
3.181
5.4
0.128
-9.7
0.103
130.1
1.10
12.0
11.5
0.527
125.6
3.036
-0.4
0.130
-13.7
0.116
116.5
1.11
11.6
12.0
0.548
118.1
2.911
-6.4
0.131
-17.1
0.137
104.9
1.12
11.4
12.5
0.569
111.1
2.789
-12.3
0.132
-21.0
0.160
95.2
1.13
11.1
13.0
0.589
104.4
2.670
-18.0
0.132
-24.2
0.184
86.9
1.13
10.8
13.5
0.610
98.4
2.562
-23.8
0.132
-28.0
0.203
80.3
1.14
10.6
14.0
0.620
92.4
2.466
-29.7
0.134
-31.7
0.218
73.7
1.15
10.3
14.5
0.636
86.9
2.368
-35.5
0.134
-35.6
0.237
69.5
1.15
10.2
15.0
0.652
81.5
2.272
-41.4
0.134
-39.6
0.259
64.1
1.15
10.0
15.5
0.668
76.1
2.178
-47.5
0.134
-43.7
0.277
58.7
1.15
9.8
16.0
0.684
71.2
2.082
-53.2
0.133
-48.0
0.300
53.8
1.16
9.6
16.5
0.702
66.1
1.994
-58.8
0.132
-51.5
0.324
48.2
1.15
9.4
17.0
0.716
61.1
1.904
-64.3
0.130
-55.5
0.344
44.0
1.16
9.2
17.5
0.731
56.8
1.810
-69.8
0.128
-59.1
0.362
39.7
1.17
9.0
18.0
0.750
52.0
1.737
-75.0
0.127
-62.6
0.385
35.1
1.16
8.9
Coordinates in Ohms
Frequency in GHz
VDS = 2 V, ID = 20 mA
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
S11
1 GHz
18 GHz
18 GHz
S22
1 GHz
+
0
-45˚
-90˚
-135˚
180˚
+135˚
+90˚
+45˚
S21
1 GHz
18 GHz
18 GHz
S12
1 GHz


Podobny numer części - NE334S01-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE334S01-T1 NEC-NE334S01-T1 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE334S01-T1 CEL-NE334S01-T1 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE334S01-T1B NEC-NE334S01-T1B Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE334S01-T1B CEL-NE334S01-T1B Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
More results

Podobny opis - NE334S01-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 CEL-NE434S01 Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com