Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE3509M04 Arkusz danych(PDF) 8 Page - California Eastern Labs

Numer części NE3509M04
Szczegółowy opis  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE3509M04 Arkusz danych(HTML) 8 Page - California Eastern Labs

  NE3509M04 Datasheet HTML 1Page - California Eastern Labs NE3509M04 Datasheet HTML 2Page - California Eastern Labs NE3509M04 Datasheet HTML 3Page - California Eastern Labs NE3509M04 Datasheet HTML 4Page - California Eastern Labs NE3509M04 Datasheet HTML 5Page - California Eastern Labs NE3509M04 Datasheet HTML 6Page - California Eastern Labs NE3509M04 Datasheet HTML 7Page - California Eastern Labs NE3509M04 Datasheet HTML 8Page - California Eastern Labs NE3509M04 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NE3509M04
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10608EJ01V0DS
8


Podobny numer części - NE3509M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04-A CEL-NE3509M04-A Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04-T2 RENESAS-NE3509M04-T2 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Podobny opis - NE3509M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com