Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE34018-A Arkusz danych(PDF) 6 Page - California Eastern Labs

Numer części NE34018-A
Szczegółowy opis  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-A Arkusz danych(HTML) 6 Page - California Eastern Labs

Back Button NE34018-A Datasheet HTML 2Page - California Eastern Labs NE34018-A Datasheet HTML 3Page - California Eastern Labs NE34018-A Datasheet HTML 4Page - California Eastern Labs NE34018-A Datasheet HTML 5Page - California Eastern Labs NE34018-A Datasheet HTML 6Page - California Eastern Labs NE34018-A Datasheet HTML 7Page - California Eastern Labs NE34018-A Datasheet HTML 8Page - California Eastern Labs NE34018-A Datasheet HTML 9Page - California Eastern Labs NE34018-A Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25 °C)
NE34018
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.50
0.977
-17.0
6.912
162.9
0.018
80.5
0.744
-7.5
0.170
25.843
0.60
0.969
-20.2
6.836
159.7
0.021
79.0
0.740
-9.0
0.194
25.126
0.70
0.959
-23.5
6.795
156.5
0.024
77.1
0.733
-10.4
0.226
24.520
0.80
0.948
-26.8
6.728
153.4
0.027
75.4
0.727
-11.9
0.252
23.965
0.90
0.937
-30.0
6.659
150.3
0.031
73.7
0.719
-13.3
0.278
23.320
1.00
0.923
-33.2
6.602
147.2
0.034
72.4
0.712
-14.8
0.302
22.882
1.20
0.895
-39.6
6.467
141.2
0.040
69.1
0.695
-17.6
0.355
22.086
1.40
0.863
-45.8
6.310
135.3
0.045
66.2
0.676
-20.3
0.410
21.468
1.60
0.829
-52.1
6.152
129.5
0.051
63.5
0.656
-23.0
0.459
20.814
1.80
0.793
-58.4
5.996
123.9
0.056
60.8
0.636
-25.7
0.508
20.297
2.00
0.754
-64.8
5.830
118.3
0.061
58.0
0.616
-28.3
0.559
19.803
2.50
0.656
-81.4
5.407
105.1
0.071
52.1
0.568
-34.6
0.674
18.817
3.00
0.559
-99.2
4.973
92.7
0.080
46.7
0.524
-40.1
0.781
17.935
3.50
0.479
-118.5
4.538
81.1
0.087
42.3
0.486
-44.7
0.876
17.173
4.00
0.426
-138.0
4.138
70.6
0.093
38.9
0.454
-48.2
0.953
16.483
4.50
0.402
-155.8
3.788
61.2
0.099
36.4
0.422
-50.6
1.011
15.173
5.00
0.397
-169.6
3.500
52.8
0.105
34.6
0.389
-52.6
1.058
13.757
5.50
0.399
-179.6
3.274
45.0
0.112
33.3
0.355
-54.6
1.090
12.833
6.00
0.401
172.6
3.101
37.6
0.121
31.8
0.322
-57.5
1.100
12.163
6.50
0.399
165.2
2.956
30.1
0.131
29.6
0.290
-62.2
1.104
11.573
7.00
0.389
156.1
2.832
22.3
0.140
26.6
0.264
-70.4
1.112
11.026
7.50
0.387
144.7
2.798
15.4
0.153
20.4
0.245
-81.6
1.063
11.085
8.00
0.365
125.8
2.614
5.4
0.161
19.3
0.240
-96.5
1.094
10.240
VDS = 3 V, IDS = 10 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S11
0.5 GHz
S11
8 GHz
S22
0.5 GHz
S22
8 GHz
2.50
5.00
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0.05
0.10
0.15
S12
0.5 GHz
S21
0.5 GHz
S21
8 GHz
S12
8 GHz


Podobny numer części - NE34018-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

Podobny opis - NE34018-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com