Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13201 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC13201
Szczegółowy opis  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
8
Freescale Semiconductor
5.3
DC Electrical Characteristics
Table 3. DC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Current (VBATT + VDDINT)
Off1
Hibernate1
Doze (No CLKO)1 2
Idle
Transmit Mode (0 dBm nominal output power)
Receive Mode
1 To attain specified low power current, all GPIO and other digital IO must be handled properly. See Section 8.3, “Low
Power Considerations.
2 CLKO frequency at default value of 32.786 kHz.
Ileakage
ICCH
ICCD
ICCI
ICCT
ICCR
-
-
-
-
-
-
0.2
1.0
35
500
30
37
1.0
6.0
102
800
35
42
µA
µA
µA
µA
mA
mA
Input Current (VIN = 0 V or VDDINT) (All digital inputs)
IIN
--
±1
µA
Input Low Voltage (All digital inputs)
VIL
0-
30%
VDDINT
V
Input High Voltage (all digital inputs)
VIH
70%
VDDINT
-VDDINT
V
Output High Voltage (IOH = -1 mA) (All digital outputs)
VOH
80%
VDDINT
-VDDINT
V
Output Low Voltage (IOL = 1 mA) (All digital outputs)
VOL
0-
20%
VDDINT
V


Podobny numer części - MC13201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FC FREESCALE-MC13201FC Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FCR2 FREESCALE-MC13201FCR2 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Podobny opis - MC13201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com