Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WP7676CSEC-E Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części WP7676CSEC-E
Szczegółowy opis  7.6mmX7.6mm SUPER FLUX LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7676CSEC-E Arkusz danych(HTML) 2 Page - Kingbright Corporation

  WP7676CSEC-E Datasheet HTML 1Page - Kingbright Corporation WP7676CSEC-E Datasheet HTML 2Page - Kingbright Corporation WP7676CSEC-E Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAF2274
REV NO: V.1
DATE: APR/15/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1101010226
Selection Guide
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Orange
630
nm
IF=20mA
λD
Dominant Wavelength
Hyper Orange
621
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Hyper Orange
20
nm
IF=20mA
C
Capacitance
Hyper Orange
25
pF
VF=0V;f=1MHz
VF
Forward Voltage
Hyper Orange
2.0
2.5
V
IF=20mA
IR
Reverse Current
Hyper Orange
10
uA
VR = 5V
Parameter
Hyper Orange
Units
Power dissipation
150
mW
DC Forward Current
30
mA
Peak Forward Current [1]
195
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1
.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. * Luminous intensity with asterisk is measured at 70mA under 40ms pulse width.
3.Drive current between 10mA and 30mA are recommended for long term performance.
4.Operation at current below 10mA is not recommended.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA *70mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
WP7676CSEC/E
HYPER ORANGE(InGaAIP)
WATER CLEAR
480
800
70
°
*1500
*2800


Podobny numer części - WP7676CSEC-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
WP7676CSEC-J KINGBRIGHT-WP7676CSEC-J Datasheet
109Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
More results

Podobny opis - WP7676CSEC-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
WP76761CSURC KINGBRIGHT-WP76761CSURC Datasheet
144Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
WP76761CSYC KINGBRIGHT-WP76761CSYC Datasheet
137Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
WP7676CSURC KINGBRIGHT-WP7676CSURC Datasheet
76Kb / 3P
   7.6mmX7.6mm SUPER FLUX LED LAMP
WP7676CSEC-J KINGBRIGHT-WP7676CSEC-J Datasheet
109Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
WP7676CSYC KINGBRIGHT-WP7676CSYC Datasheet
91Kb / 3P
   7.6mmX7.6mm SUPER FLUX LED LAMP
WP7676CSYC-J KINGBRIGHT-WP7676CSYC-J Datasheet
107Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
L7676CSEC-H KINGBRIGHT-L7676CSEC-H Datasheet
156Kb / 6P
   7.6mmX7.6mm SUPER FLUX
WP7677C2ZGC KINGBRIGHT-WP7677C2ZGC Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1QBC-D KINGBRIGHT-WP7679C1QBC-D Datasheet
256Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1VGC-Z KINGBRIGHT-WP7679C1VGC-Z Datasheet
229Kb / 5P
   SUPER FLUX LED LAMP
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com