Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33976EG Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MCZ33976EG
Szczegółowy opis  Dual Gauge Driver with Configurable esponse Time
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33976EG Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33976EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33976EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33976
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ V
DD ≤ 5.25 V, - 40°C ≤ T
J ≤ 150°C, GND = 0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
Limited Operational (6), (7)
VPWR
6.5
4.0
26
26
V
VPWR Supply Current
Gauge 1 and 2 Outputs ON, No Output Loads
IPWR(ON)
4.0
6.0
mA
VPWR Supply Current (All Outputs Disabled)
Reset = Logic [0], VDD = 5.0 V
Reset = Logic [0], VDD = 0 V
IPWSLP1
IPWRSLP2
42
15
60
25
µA
Overvoltage Detection Level (8)
VPWROV
26
32
38
V
Undervoltage Detection Level (9)
VPWRUV
5.0
5.6
6.2
V
Logic Supply Voltage Range (5.0 V Nominal Supply)
VDD
4.5
5.0
5.5
V
Under VDD Logic Reset
VDDUV
4.5
V
VDD Supply Current
Sleep: Reset Logic [0]
Outputs Enabled
IDD(OFF)
IDD(ON)
40
1.0
65
1.8
µA
mA
POWER OUTPUTS
Microstep Output (Measured Across Coil Outputs)
SIN0,1, ± (COS0,1, ±) (refer to Table 1)
ROUT = 200 Ω, PE6 = 0
Steps 6, 18 (0, 12)
Steps 5, 7, 17, 19 (1, 11, 13, 23)
Steps 4, 8, 16, 20 (2, 10, 14, 22)
Steps 3, 9, 15, 21 (3, 9, 15, 21)
Steps 2, 10, 14, 22 (4, 8,16, 20)
Steps 1, 11, 13, 23 (5, 7, 17, 19)
Steps 0, 12 (6, 18)
VST6
VST5
VST4
VST3
VST2
VST1
VST0
4.82
0.94 VST6
0.84 VST6
0.68 VST6
0.47 VST6
0.23 VST6
-0.1
5.3
0.97 VST6
0.87 VST6
0.71 VST6
0.50 VST6
0.26 VST6
0
6.0
1.0 VST6
0.96 VST6
0.8 VST6
0.57 VST6
0.31 VST6
0.1
V
Notes
6.
Outputs and logic remain active; however, the larger coil voltage levels may be clipped. The reduction in drive voltage may result in a
loss of position control.
7.
The logic will reset at some level below the specified Limited Operational minimum.
8.
Outputs will disable and must be re-enabled via the PECCR command.
9.
Outputs remain active; however, the reduction in drive voltage may result in a loss of position control.


Podobny numer części - MCZ33976EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33976EG/R2 FREESCALE-MCZ33976EG/R2 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
More results

Podobny opis - MCZ33976EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com