Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33989DW Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC33989DW
Szczegółowy opis  System Basis Chip with High-Speed CAN Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33989DW Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33989DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33989DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CANH AND CANL
Bus Pins Common Mode Voltage
VCM
-27
40
V
Differential Input Voltage (Common Mode Between -3.0 and 7.0 V)
Recessive State at RXD
Dominant State at RXD
VCANH-VCANL
900
500
mV
Differential Input Hysteresis (RXD)
VHYS
100
mV
Input Resistance
RIN
5.0
100
K
Differential Input Resistance
RIND
10
100
K
Unpowered Node Input Current
ICANUP
1.5
mA
CANH Output Voltage
TXD Dominant State
TXD Recessive State
VCANHD
VCANHR
2.75
4.5
3.0
V
CANL Output Voltage
TXD Dominant State
TXD Recessive State
VCANLD
VCANLR
0.5
2.0
2.25
V
Differential Output Voltage
TXD Dominant State
TXD Recessive State
VDIFFD
VDIFFR
1.5
3.0
100
V
mV
CANH AND CANL
Output Current Capability (Dominant State)
CANH
CANL
ICANH
ICANL
35
-35
mA
Overtemperature Shutdown
TSHUT
160
180°C
°C
CANL Over Current Detection
Error Reported in CANR
ICANL/OC
60
200
mA
CANH Over Current Detection
Error Reported in CANR
ICANH/OC
-200
-60
mA
TX AND RX
TX Input High Voltage
VIH
0.7 VDD
VDD + 0.4
V
TX Input Low Voltage
VILP
-0.4
0.3 VDD
V
TX High Level Input Current, VTX = VDD
LIH
-10
10
µA
TX Low Level Input Current, VTX = 0 V
LIL
-100
-50
-20
µA
RX Output Voltage High, IRX = 250 µA
VOH
VDD-1
V
RX Output Voltage Low, IRX = 1.0 mA
VOL
0.5
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC33989DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33989D MOTOROLA-MC33989D Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results

Podobny opis - MC33989DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com