Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33991DW Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC33991DW
Szczegółowy opis  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33991DW Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33991DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33991
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 3. Input Timing Switching Characteristics
Figure 4. Valid Data Delay Time and Valid Time Waveforms
SI
RSTB
CSB
SCLK
Don’t Care
Don’t Care
Don’t Care
Valid
Valid
VIH
VIL
VIH
VIH
VIH
VIL
VIL
VIL
TwRSTB
Tlead
TwSCLKh
TrSI
Tlag
TSIsu
TwSCLKl
TSI(hold)
TfSI
0.7 VDD
0.2 VDD
0.7VDD
0.2VDD
0.2VDD
0.7VDD
0.7VDD
TCSB
TENBL
RST
CS
SI
SCLK
SO
SO
SCLK
VOH
VOL
VOH
VOL
VOH
VOL
TfSI
TdlyLH
TdlyHL
Tvalid
TrSO
TfSO
3.5V
50%
TrSI
High-to-Low
1.0V
0.7 VDD
0.2VDD
0.2 VDD
0.7 VDD
Low-to-High


Podobny numer części - MC33991DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
More results

Podobny opis - MC33991DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com