Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34920FNR2 Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC34920FNR2
Szczegółowy opis  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920FNR2 Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34920FNR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920FNR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34920
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
VVB+ Supply Voltage
VVB+
21
42
V
VVB+ Standby Current
VVB+ = 42 V, ICC Load = 5.0 mA, No Serial Clock, No Motor Driver,
No Load on VV2
IVB+
1.0
14
55
mA
CMOS LOGIC LEVEL (6)
Input Current, High-Voltage State
IIH
0.1
170
µA
Input Current, Low-Voltage State
IIL
-170
-0.1
µA
Input Low Input Voltage State
VCC + 3.3 V ±10%
VCC + 5.0 V ±5%
VIL
0.8
1.5
V
Input High-Voltage State
VCC + 3.3 V ±10%
VCC + 5.0 V ±5%
VIH
2.1
3.3
V
V1 AND V2 VOLTAGE REGULATORS
Regulator Output Voltage
VOUT
-4.0%
Nom
+4.0%
V
Regulator Thermal Shutdown Junction Temperature
TJ(SHUTDOWN)
155
175
oC
Regulator Thermal Junction Temperature
TJ(ENABLE)
135
155
oC
Overcurrent Detect Level (Peak) for IV1_SWITCH
IOC_V1
1.5
2.0
2.5
A
Overcurrent Detect Level (Peak) for IV2_SWITCH
IOC_V2
2.5
3.25
4.0
A
Short Circuit Detect Level (Peak) for IV1_SWITCH
In Soft Start and Foldback Modes
ISC_V1
0.75
1.25
1.75
A
Short Circuit Detect Level (Peak) for IV2_SWITCH
In Soft Start and Foldback Modes
ISC_V2
1.75
2.25
2.75
A
V1 Switching MOSFET on Resistance
Full On, Typical Value @ TJ = 25°C
RDS(ON)V1
2.0
V2 Switching MOSFET on Resistance
Full On, Typical Value @ TJ = 25°C
RDS(ON)V2
0.75
Regulator Feedback Input
Internal Reference Value of 2.50 V ±2%
VV1_FB,
VV2_FB
2.5
V
Turn-Off Regulator
VV1 Output/VV2 Output = 0 V
VOFFV1_FB,
VOFFV2_FB
3.0
V
Notes
6.
Applicable to all logic level input signals. Inputs are to be designed to accept 3.3 V logic levels and be +5.0 V tolerant.


Podobny numer części - MC34920FNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

Podobny opis - MC34920FNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com