Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145011 Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC145011
Szczegółowy opis  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145011 Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC145011 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Sensors
Freescale Semiconductor
11
MC145011
PACKAGE DIMENSIONS
CASE 648-08
ISSUE R
16-LEAD PLASTIC DIP
NOTES:
1.
2.
3.
4.
5.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
DIMENSION B DOES NOT INCLUDE MOLD FLASH.
ROUNDED CORNERS OPTIONAL.
-A-
B
F
C
S
H
G
D 16 PL
J
L
M
SEATING
PLANE
1
8
9
16
K
-T-
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
010
0
10
S
0.020
0.040
0.51
1.01
STYLE 1:
PIN 1. CATHODE
2. CATHODE
3. CATHODE
4. CATHODE
5. CATHODE
6. CATHODE
7. CATHODE
8. CATHODE
9. ANODE
10. ANODE
11. ANODE
12. ANODE
13. ANODE
14. ANODE
15. ANODE
16. ANODE
STYLE 2:
PIN 1. COMMON DRAIN
2. COMMON DRAIN
3. COMMON DRAIN
4. COMMON DRAIN
5. COMMON DRAIN
6. COMMON DRAIN
7. COMMON DRAIN
8. COMMON DRAIN
9. GATE
10. SOURCE
11. GATE
12. SOURCE
13. GATE
14. SOURCE
15. GATE
16. SOURCE
NOTES:
1.
2.
3.
4.
5.
6.
DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
DATUMS A AND B TO BE DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURRS. MOLD
FLASH, PROTRUSTION OR GATE BURRS SHALL
NOT EXCEED 0.15mm PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE
INTER-LEAD FLASH OR PROTRUSIONS.
INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED 0.25mm PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL NOT CAUSE
THE LEAD WIDTH TO EXCEED 0.62mm.
SEATING
PLANE
0.49
16X
B
M
0.25
A
T
0.35
2.65
2.35
0.25
0.10
6
T
16X
0.1 T
1.27
14X
8
9
1
16
8X
10.55
10.05
M
0.25
B
4
10.45
10.15
A
7.6
7.4
B
PIN 1 INDEX
PIN'S
NUMBER
5
A
A
0.75
X45˚
0.25
1.0
0.4
0.32
0.23
SECTION A-A
CASE 751G-04
ISSUE D
16-LEAD SOIC


Podobny numer części - MC145011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Podobny opis - MC145011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com