Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZRW55C36-G Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CZRW55C36-G
Szczegółowy opis  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW55C36-G Arkusz danych(HTML) 1 Page - Comchip Technology

  CZRW55C36-G Datasheet HTML 1Page - Comchip Technology CZRW55C36-G Datasheet HTML 2Page - Comchip Technology CZRW55C36-G Datasheet HTML 3Page - Comchip Technology CZRW55C36-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page1
Parameter
Power Dissipation (Note A) at 75
oC
Peak Forward Surge Current Surge, 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note B)
Operating Junction and Storage Temperature Range
m
W
Amps
I
FSM
P
D
oC
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
Units
Value
Symbols
TJ
410
2
-55 to +150
Case: SOD-123, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Mechanical Data:
Maximum Ratings and Thermal Characterics
Planar Die Constructions
410mW Power Dissipation
Zener Voltages from 2.4V ~ 39V
Ideally Suited for Automated Assembly Processes
Features:
Voltage: 2.4 ~ 29 Volts
Power: 410 mW
CZRW55C2V4-G thru CZRW55C39-G
Surface Mount Zener Diodes
Notes:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
“-G” suffix designated RoHS compliant version
SOD-123
.154 (3.90)
.141 (3.60)
.110 (2.80)
.098 (2.50)
.005 (.12) Max.
.016 (.40) Min.
Dimensions in inches and (millimeters)


Podobny numer części - CZRW55C36-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CZRW55C36 COMCHIP-CZRW55C36 Datasheet
99Kb / 4P
   Surface Mount Zener Diodes
More results

Podobny opis - CZRW55C36-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com