Zakładka z wyszukiwarką danych komponentów |
|
BAT74V Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
BAT74V Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 8 page 2002 Sep 02 3 Philips Semiconductors Product specification Schottky barrier double diode BAT74V CHARACTERISTICS Tamb =25 °C unless otherwise specified. Note 1. Pulse test: tp = 300 µs; δ = 0.02. THERMAL CHARACTERISTICS Note 1. Refer to SOT666 standard mounting conditions. Soldering The only recommended soldering method is reflow soldering. SYMBOL PARAMETER CONDITIONS MAX. UNIT VF continuous forward voltage IF = 0.1 mA 240 mV IF = 1 mA 320 mV IF = 10 mA 400 mV IF = 30 mA 500 mV IF = 100 mA; note 1; see Fig.2 800 mV IR reverse current VR = 25 V; note 1; see Fig.3 2 µA Cd diode capacitance VR = 1 V; f = 1 MHz; see Fig.4 10 pF SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth j-a thermal resistance from junction to ambient note 1 416 K/W |
Podobny numer części - BAT74V |
|
Podobny opis - BAT74V |