Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C2550 Arkusz danych(PDF) 4 Page - Exar Corporation

Numer części ST16C2550
Szczegółowy opis  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550 Arkusz danych(HTML) 4 Page - Exar Corporation

  ST16C2550_04 Datasheet HTML 1Page - Exar Corporation ST16C2550_04 Datasheet HTML 2Page - Exar Corporation ST16C2550_04 Datasheet HTML 3Page - Exar Corporation ST16C2550_04 Datasheet HTML 4Page - Exar Corporation ST16C2550_04 Datasheet HTML 5Page - Exar Corporation ST16C2550_04 Datasheet HTML 6Page - Exar Corporation ST16C2550_04 Datasheet HTML 7Page - Exar Corporation ST16C2550_04 Datasheet HTML 8Page - Exar Corporation ST16C2550_04 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ST16C2550
xr
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 4.4.0
4
PIN DESCRIPTIONS
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
26
27
28
29
30
31
26
27
28
I
Address data lines [2:0]. These 3 address lines select one
of the internal registers in UART channel A/B during a
data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
3
2
1
48
47
46
45
44
IO
Data bus lines [7:0] (bidirectional).
IOR#
21
24
19
I
Input/Output Read Strobe (active low). The falling edge
instigates an internal read cycle and retrieves the data
byte from an internal register pointed to by the address
lines [A2:A0]. The data byte is placed on the data bus to
allow the host processor to read it on the rising edge.
IOW#
18
20
15
I
Input/Output Write Strobe (active low). The falling edge
instigates an internal write cycle and the rising edge
transfers the data byte on the data bus to an internal reg-
ister pointed by the address lines.
CSA#
14
16
10
I
UART channel A select (active low) to enable UART
channel A in the device for data bus operation.
CSB#
15
17
11
I
UART channel B select (active low) to enable UART
channel B in the device for data bus operation.
INTA
30
33
30
O
UART channel A Interrupt output. The output state is
defined by the user and through the software setting of
MCR[3]. INTA is set to the active mode and OP2A# out-
put to a logic 0 when MCR[3] is set to a logic 1. INTA is
set to the three state mode and OP2A# to a logic 1 when
MCR[3] is set to a logic 0 (default). See MCR[3].
INTB
29
32
29
O
UART channel B Interrupt output. The output state is
defined by the user and through the software setting of
MCR[3]. INTB is set to the active mode and OP2B# out-
put to a logic 0 when MCR[3] is set to a logic 1. INTB is
set to the three state mode and OP2B# to a logic 1 when
MCR[3] is set to a logic 0 (default). See MCR[3].
TXRDYA#
-
1
43
O
UART channel A Transmitter Ready (active low). The out-
put provides the TX FIFO/THR status for transmit channel
A. See Table 2. If it is not used, leave it unconnected.
RXRDYA#
-
34
31
O
UART channel A Receiver Ready (active low). This out-
put provides the RX FIFO/RHR status for receive channel
A. See Table 2. If it is not used, leave it unconnected.


Podobny numer części - ST16C2550_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CQ48 EXAR-ST16C2550CQ48 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results

Podobny opis - ST16C2550_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com