Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C2550 Arkusz danych(PDF) 6 Page - Exar Corporation

Numer części ST16C2550
Szczegółowy opis  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550 Arkusz danych(HTML) 6 Page - Exar Corporation

Back Button ST16C2550 Datasheet HTML 2Page - Exar Corporation ST16C2550 Datasheet HTML 3Page - Exar Corporation ST16C2550 Datasheet HTML 4Page - Exar Corporation ST16C2550 Datasheet HTML 5Page - Exar Corporation ST16C2550 Datasheet HTML 6Page - Exar Corporation ST16C2550 Datasheet HTML 7Page - Exar Corporation ST16C2550 Datasheet HTML 8Page - Exar Corporation ST16C2550 Datasheet HTML 9Page - Exar Corporation ST16C2550 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ST16C2550
xr
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 4.4.0
6
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
CTSB#
25
28
23
I
UART channel B Clear-to-Send (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
DTRB#
34
38
35
O
UART channel B Data-Terminal-Ready (active low) or
general purpose output. If it is not used, leave it uncon-
nected.
DSRB#
22
25
20
I
UART channel B Data-Set-Ready (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
CDB#
19
21
16
I
UART channel B Carrier-Detect (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
RIB#
23
26
21
I
UART channel B Ring-Indicator (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
OP2B#
13
15
9
O
Output Port 2 Channel B - The output state is defined by
the user and through the software setting of MCR[3].
INTB is set to the active mode and OP2B# output to a
logic 0 when MCR[3] is set to a logic 1. INTB is set to the
three state mode and OP2B# to a logic 1 when MCR[3] is
set to a logic 0. See MCR[3]. This output should not be
used as a general output else it will disturb the INTB out-
put functionality. If it is not used, leave it unconnected.
ANCILLARY SIGNALS
XTAL1
16
18
13
I
Crystal or external clock input.
XTAL2
17
19
14
O
Crystal or buffered clock output.
RESET
35
39
36
I
Reset (active high) - A longer than 40 ns logic 1 pulse on
this pin will reset the internal registers and all outputs.
The UART transmitter output will be held at logic 1, the
receiver input will be ignored and outputs are reset during
reset period (see External Reset Conditions).
VCC
40
44
42
Pwr
2.97V to 5.5V power supply. All inputs are 5V tolerant for
devices with top marking of "A2 YYWW" and newer.
GND
20
22
17
Pwr
Power supply common, ground.
N.C.
-
-
12, 24, 25,
37
No Connection. These pins are open, but typically, should
be connected to GND for good design practice.
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Podobny numer części - ST16C2550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

Podobny opis - ST16C2550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com