Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS23 Arkusz danych(PDF) 8 Page - Monolithic Power Systems

Numer części SS23
Szczegółowy opis  2A, 32V, 330KHz Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SS23 Arkusz danych(HTML) 8 Page - Monolithic Power Systems

Back Button SS23 Datasheet HTML 3Page - Monolithic Power Systems SS23 Datasheet HTML 4Page - Monolithic Power Systems SS23 Datasheet HTML 5Page - Monolithic Power Systems SS23 Datasheet HTML 6Page - Monolithic Power Systems SS23 Datasheet HTML 7Page - Monolithic Power Systems SS23 Datasheet HTML 8Page - Monolithic Power Systems SS23 Datasheet HTML 9Page - Monolithic Power Systems SS23 Datasheet HTML 10Page - Monolithic Power Systems SS23 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
MP1591 Rev. 2.3
www.MonolithicPower.com
8
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
To optimize the compensation components that
are not listed in Table 4, use the following
procedure.
Choose the compensation resistor to set the
desired crossover frequency. Determine the
value by the following equation:
REF
CS
EA
C
OUT
V
G
G
f
V
5
C
2
3
R
×
×
×
×
×
π
=
Putting in the know constants and setting the
crossover frequency to the desired 33KHz:
OUT
7
V
5
C
10
88
.
6
3
R
×
×
×
Choose the compensation capacitor to set the
zero below one fourth of the crossover
frequency. Determine the value by the following
equation:
3
R
10
93
.
1
f
3
R
2
4
C
5
C
×
×
×
π
>
Determine
if
the
second
compensation
capacitor, C3, is required. It is required if the
ESR zero of the output capacitor occurs at less
than four times the crossover frequency, or
1
f
R
5
C
8
C
ESR
×
×
×
π
If this is the case, then add the second
compensation resistor. Determine the value by
the equation:
3
R
R
5
C
3
C
)
MAX
(
ESR
×
=
Where RESR(MAX) is the maximum ESR of the
output capacitor.
Example:
VOUT = 5V, C5 = 22µF Ceramic (ESR = 10mΩ)
R3 ≈ 6.88x107 (22x10-6) (5) = 7568Ω
Use the nearest standard value of 7.5kΩ.
C4 > 1.93x10-5 / 7.5K = 2.57nF
Use standard value of 2.7nF.
8π x C5 x RESR x fC = 0.22, which is less than 1.
Therefore, no second compensation capacitor
(C3) is required.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP1591
SW
BS
3
1
10nF
5V
Figure 2—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%) and high
output voltage (VOUT>12V) applications.


Podobny numer części - SS23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SS23 MCC-SS23 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Zowie Technology Corpor...
SS23 ZOWIE-SS23 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS23 YIXIN-SS23 Datasheet
116Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SS23 VISHAY-SS23 Datasheet
352Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 23-Jan-08
logo
SAMYANG ELECTRONICS CO....
SS23 SAMYANG-SS23 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
   6.5V-32V Input, 1A, 330kHz Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com