Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C580 Arkusz danych(PDF) 3 Page - Exar Corporation

Numer części ST16C580
Szczegółowy opis  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580 Arkusz danych(HTML) 3 Page - Exar Corporation

  ST16C580 Datasheet HTML 1Page - Exar Corporation ST16C580 Datasheet HTML 2Page - Exar Corporation ST16C580 Datasheet HTML 3Page - Exar Corporation ST16C580 Datasheet HTML 4Page - Exar Corporation ST16C580 Datasheet HTML 5Page - Exar Corporation ST16C580 Datasheet HTML 6Page - Exar Corporation ST16C580 Datasheet HTML 7Page - Exar Corporation ST16C580 Datasheet HTML 8Page - Exar Corporation ST16C580 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ST16C580
3
Rev. 1.22
SYMBOL DESCRIPTION
A0
28
I
Address-0 Select Bit - Internal registers address selection.
A1
27
I
Address-1 Select Bit Internal registers address selection.
A2
26
I
Address-2 Select Bit Internal registers address selection.
IOR
20
I
Read strobe. Its function is the same as -IOR (see -IOR),
except it is active high. Either an active -IOR or IOR is
required to transfer data from 580 to CPU during a read
operation.
CS0
9
I
Chip Select-0. A logical 1 on this pin provides the chip select
0 function.
CS1
10
I
Chip Select-1. A logical 1 on this pin provides the chip select
1 function.
-CS2
11
I
Chip Select -2. A logical 0 on this pin provides the chip select
2 function.
IOW
17
I
Write strobe. A logic 1 transition creates a write strobe. Its
function is the same as -IOW (see -IOW), but it acts as an
active high input signal. Either -IOW or IOW is required to
transfer data from the CPU to 580 during a write operation.
-AS
24
I
Address Strobe. A logic 1 transition on -AS latches the state
of the chip selects and the register select bits, A0-A2. This
input is used when address and chip selects are not stable for
the duration of a read or write operation, i.e., a microprocessor
that needs to de-multiplex the address and data bits. If not
required, the -AS input can be permanently tied to a logic 0
(it is edge triggered).
D0-D7
43-47
2-4
I/O
Data Bus (Bi-directional) - These pins are the eight bit, three
state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
GND
18
Pwr
Signal and Power Ground.
Symbol
Pin
Signal
Pin Description
48
type


Podobny numer części - ST16C580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CJ44 EXAR-ST16C580CJ44 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CP40 EXAR-ST16C580CP40 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CQ48 EXAR-ST16C580CQ48 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580IJ44 EXAR-ST16C580IJ44 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results

Podobny opis - ST16C580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com