Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4006 Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części 1N4006
Szczegółowy opis  1.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4006 Arkusz danych(HTML) 1 Page - Won-Top Electronics

  1N4006 Datasheet HTML 1Page - Won-Top Electronics 1N4006 Datasheet HTML 2Page - Won-Top Electronics 1N4006 Datasheet HTML 3Page - Won-Top Electronics 1N4006 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001 – 1N4007
1 of 4
© 2006 Won-Top Electronics
Pb
1N4001 – 1N4007
1.0A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-41, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.35 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Podobny numer części - 1N4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Semikron International
1N4006 SEMIKRON-1N4006 Datasheet
128Kb / 2P
   Standard silicon rectifier diodes
logo
Shunye Enterprise
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Podobny opis - 1N4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
   1.0A STANDARD DIODE
logo
Won-Top Electronics
1A1 WTE-1A1_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
   1.0A HIGH VOLTAGE STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
   1.0A Standard Rectifier
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com