Zakładka z wyszukiwarką danych komponentów |
|
SB1030 Arkusz danych(PDF) 3 Page - Won-Top Electronics |
|
SB1030 Arkusz danych(HTML) 3 Page - Won-Top Electronics |
3 / 4 page SB1020 – SB10100 3 of 4 © 2006 Won-Top Electronics MARKING INFORMATION PACKAGING INFORMATION Tube Size L x W x H (mm) Quantity (PCS) Inner Box Size L x W x H (mm) Quantity (PCS) Carton Size L x W x H (mm) Quantity (PCS) Approx. Gross Weight (KG) 525 x 31 x 6 50 555 x 145 x 95 2,000 572 x 306 x 218 8,000 19.0 RECOMMENDED SCREW MOUNTING ARRANGEMENT Note: 1. Anti-static tube, water clear color. BULK WTE = Manufacturer’s Logo SB10xx = Device Number xx = 20, 30, 40, 45, 50, 60, 80 or 100 Polarity = As Marked on Body Plain Washer Insulating Bushing Rectifier Insulator Heatsink Compression Washer 4-40 HEX Nut Recommended isolated mounting when screw is at heatsink potential. 4-40 hardware is used. Screw should not be tightened with any type of air-forced torque or equipment that may cause high impact on device package. The insulating bushing inside the mounting hole will insure the screw threads do not contact the metal base. The interface should apply a layer of thermal grease or a highly conductive thermal pad for better heat dissipation. 4-40 PAN or HEX Head Screw WTE SB10xx |
Podobny numer części - SB1030 |
|
Podobny opis - SB1030 |