Zakładka z wyszukiwarką danych komponentów |
|
SB1080F Arkusz danych(PDF) 3 Page - Won-Top Electronics |
|
SB1080F Arkusz danych(HTML) 3 Page - Won-Top Electronics |
3 / 4 page SB1020F – SB10100F 3 of 4 © 2006 Won-Top Electronics MARKING INFORMATION PACKAGING INFORMATION Tube Size L x W x H (mm) Quantity (PCS) Inner Box Size L x W x H (mm) Quantity (PCS) Carton Size L x W x H (mm) Quantity (PCS) Approx. Gross Weight (KG) 525 x 31 x 6 50 555 x 145 x 95 2,000 572 x 306 x 218 8,000 19.0 RECOMMENDED SCREW MOUNTING ARRANGEMENT Note: 1. Anti-static tube, water clear color. BULK Plain Washer Rectifier Heatsink Conical Washer 6-32 HEX Nut The full molded plastic package affords a major reduction of hardware as compared to a standard TO-220 package. However, precautions should be made in mounting procedure. A conical washer should be used to apply proper force to the device. Screw should not be tightened with any type of air-forced torque or equipment that may cause crack on device package. A layer of thermal grease or thermal pad in the interface will be considerably helpful for heat dissipation. 6-32 HEX Head Screw WTE SB10xxF WTE = Manufacturer’s Logo SB10xxF = Device Number xx = 20, 30, 40, 45, 50, 60, 80 or 100 Polarity = As Marked on Body |
Podobny numer części - SB1080F |
|
Podobny opis - SB1080F |