Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0012 Arkusz danych(PDF) 4 Page - RF Micro Devices

Numer części TA0012
Szczegółowy opis  New High Power, High Efficiency HBT GSM Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFMD [RF Micro Devices]
Strona internetowa  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0012 Arkusz danych(HTML) 4 Page - RF Micro Devices

  TA0012 Datasheet HTML 1Page - RF Micro Devices TA0012 Datasheet HTML 2Page - RF Micro Devices TA0012 Datasheet HTML 3Page - RF Micro Devices TA0012 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
13-66
TA0012
13
Copyright 1997-2000 RF Micro Devices, Inc.
tance formed by the output bond wires, leads, and
microstrip, and two shunt capacitors external to the
part. With this match, a 50
Ω terminal impedance is
achieved. The input is matched to 50
Ω with just a
blocking capacitor needed. The input is DC coupled;
thus, a blocking cap must be inserted in series.
Vcc1 provides supply voltage to the first stage, as well
as provides some control over the operating band.
Essentially, the bias is fed to this pin through a short
transmission line. A tuning capacitor external to Pin 1
sets the frequency of the gain peak. A resistor in paral-
lel with the bias choke for the first stage helps to stabi-
lize and dequeue the circuit.
The RFout pins provide the output power. Pins 12 and
13 should be combined externally. Bias for the final
stage is fed to this output line, and the feed must be
capable of supporting the 1-1.5A of current required.
The HBT breakdown voltage is >20V, so nominally at
6V there should be no issue with overvoltage. Under
extreme conditions, however, which can occur in a cel-
lular handset environment, the supply voltage could be
as high as 8.5V to 9.5V. These conditions may corre-
spond to operation in a battery charger, especially with
the battery removed, which “unloads” the supply cir-
cuit. To add to this worst-case scenario, the RF drive
may be at full power during transmit, and the output
VSWR could be extremely high, corresponding to a
broken or removed antenna. Under all of the above
conditions, the peak RF voltages could well exceed 2X
the supply voltage, forcing the device into breakdown.
The RF2123 includes overvoltage protection diodes at
the output, which begin clipping the waveform peaks at
~15 V. This protects the device’s output from breaking
down under these worst-case conditions, and provides
a rugged, robust component for the system designer.
High current conditions are also potentially dangerous
to any RF device. High currents lead to high channel
temperatures and may force early failures. The
RF2123 includes reference diodes in the bias circuit to
temperature compensate the RF transistors, thus limit-
ing the current through the bias network and protecting
the devices from damage. The same mechanism
works to compensate the currents due to ambient tem-
perature variations, and the part is remarkably consis-
tent
over
the
full
-30°C
to
+85°C
commercial
temperature range.
While the part is safe under CW operation, maximum
power and reliability will be achieved under pulsed con-
ditions. The data shown in the following table were
taken with a 12.5% duty cycle and a 600ms pulse.
 ! "  
The RF2123 performance is summarized in Table 1
below. A full data sheet is available from RF Micro
Devices.
$  
The RF2123 HBT GSM Cellular Power Amplifier has
been introduced by RF Micro Devices. This amplifier
provides the best overall performance of any integrated
PA on the commercial market. Operating from a single
positive supply, efficiencies of 55% and power levels of
4-W are achievable from a single 16-lead SOIC surface
mount package at 6V. Power down and power control
are integrated on-chip without additional components
required. The new power amplifier can be used to sim-
plify cellular phone design and improve operation, as
well as significantly reducing overall cost.
Table 1. RF2123 Performance Summary
Parameter
Typical Performance Conditions
Frequency Range
890-915 MHz
Maximum CW Output Power
4-W
With specified load at 6V
Total CW Efficiency
55%
at Max Output
Gain at Max Power
30 dB
Gain Control Range
45 dB, min
Vpc Current
1 mA, max
“OFF” Current
10 uA, max
Vpc < 0.2V
Voltage Range
5.3 to 6V
Stability
Spurious <-60dBm
Output VSWR < 8:1
Temperature Range
-30 to +85 C
Operating


Podobny numer części - TA0012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA001-005-25-16 TRANSCOM-TA001-005-25-16 Datasheet
61Kb / 2P
   0.01 ~ 0.5 MHz 25dB Gain 16dBm PowerAmplifier
TA001-010-24-27 TRANSCOM-TA001-010-24-27 Datasheet
46Kb / 2P
   50 ~ 1000 MHz 27 dBm Power Amplifier
logo
RF Micro Devices
TA0016 RFMD-TA0016 Datasheet
43Kb / 4P
   EUROPEAN APPLICANTIONS FOR RF 403 CORDLESS TELEPHONE FRONT END RFIC
More results

Podobny opis - TA0012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
United Monolithic Semic...
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_09 Datasheet
397Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
logo
RF Micro Devices
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
   HIGH EFFICIENCY 2V POWER AMPLIFIER
logo
Skyworks Solutions Inc.
SKY77562 SKYWORKS-SKY77562 Datasheet
563Kb / 2P
   High efficiency GSM LB
logo
United Monolithic Semic...
CHA7010 UMS-CHA7010 Datasheet
161Kb / 7P
   X-band GaInP HBT High Power Amplifier
logo
Renesas Technology Corp
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
   SiGe HBT High Frequency Medium Power Amplifier
logo
United Monolithic Semic...
CHA7010 UMS-CHA7010_04 Datasheet
384Kb / 7P
   X-band GaInP HBT High Power Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com