Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1013B Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TDA1013B
Szczegółowy opis  4 W audio power amplifier with DC volume control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1013B Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TDA1013B Datasheet HTML 3Page - NXP Semiconductors TDA1013B Datasheet HTML 4Page - NXP Semiconductors TDA1013B Datasheet HTML 5Page - NXP Semiconductors TDA1013B Datasheet HTML 6Page - NXP Semiconductors TDA1013B Datasheet HTML 7Page - NXP Semiconductors TDA1013B Datasheet HTML 8Page - NXP Semiconductors TDA1013B Datasheet HTML 9Page - NXP Semiconductors TDA1013B Datasheet HTML 10Page - NXP Semiconductors TDA1013B Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
July 1994
11
Philips Semiconductors
Product specification
4 W audio power amplifier with
DC volume control
TDA1013B
SOLDERING
Introduction
There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and
surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for
surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often
used.
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is 260
°C; solder at this temperature must not be in contact with the
joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may
be necessary immediately after soldering to keep the temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more
than 2 mm above it. If the temperature of the soldering iron bit is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Podobny numer części - TDA1013B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
TDA1013A ETC-TDA1013A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

Podobny opis - TDA1013B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com