Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1023 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA1023
Szczegółowy opis  Proportional-control triac triggering circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1023 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA1023 Datasheet HTML 3Page - NXP Semiconductors TDA1023 Datasheet HTML 4Page - NXP Semiconductors TDA1023 Datasheet HTML 5Page - NXP Semiconductors TDA1023 Datasheet HTML 6Page - NXP Semiconductors TDA1023 Datasheet HTML 7Page - NXP Semiconductors TDA1023 Datasheet HTML 8Page - NXP Semiconductors TDA1023 Datasheet HTML 9Page - NXP Semiconductors TDA1023 Datasheet HTML 10Page - NXP Semiconductors TDA1023 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
May 1991
7
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
Table 1
Adjustment of proportional range and hysteresis. Combinations of resistor values giving
hysteresis
> 14 proportional range.
Table 2
Timing capacitor values CT
Note
1. Special electrolytic capacitors recommended for use with the TDA1023.
Proportional range
Proportional range resistor
Minimum hysteresis
Maximum hysteresis resistor
R5
R4
mV
k
mV
k
80
open
20
open
160
3.3
40
9.1
240
1.1
60
4.3
320
0.43
80
2.7
400
0
100
1.8
Effective DC value
Marked AC specification
Catalogue number(1)
µF
µFV
68
47
25
2222 016 90129
47
33
40
- - 90131
33
22
25
- 015 90102
22
15
40
- - 90101
15
10
25
- - 90099
10
6.8
40
- - 90098
Fig.3 Internal supply connections.
handbook, halfpage
MBA483
16
RX
VEE
VZ
14
13
11
STABILIZER
VCC


Podobny numer części - TDA1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
   BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
   SIGNAL-SOURCES SWITCH
JANUARY 1980
logo
NXP Semiconductors
TDA1029 PHILIPS-TDA1029 Datasheet
235Kb / 16P
   Signal-sources switch
January 1980
More results

Podobny opis - TDA1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com