Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1082 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA1082
Szczegółowy opis  East-West correction driver circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1082 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA1082 Datasheet HTML 1Page - NXP Semiconductors TDA1082 Datasheet HTML 2Page - NXP Semiconductors TDA1082 Datasheet HTML 3Page - NXP Semiconductors TDA1082 Datasheet HTML 4Page - NXP Semiconductors TDA1082 Datasheet HTML 5Page - NXP Semiconductors TDA1082 Datasheet HTML 6Page - NXP Semiconductors TDA1082 Datasheet HTML 7Page - NXP Semiconductors TDA1082 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
March 1986
5
Philips Semiconductors
Product specification
East-West correction driver circuit
TDA1082
Output stage (pin 6)
Generator current
I6
typ.
1
mA
Flyback differential amplifier (pin 5)
D.C. value output voltage
V5
typ.
6
V
Output resistance
R5
typ.
5,6
k
Squaring stage (pin 7)
D.C. value output voltage
V7
typ.
6
V
Peak to peak value output voltage
V7(p-p)
typ.
1,5
V
Output resistance
R7
5,6
to
9,4
k
typ.
7,5
k
Correction trapezoidal deformation (pins 9 and 12)
D.C. voltage
V9, 12
typ.
5
V
Output resistance
R9, 12
typ.
7,5
k
Driver output (pin 15)
Output current
− I
15
<
50
mA
Drift of d.c. collector voltage
Of external transistor in closed loop
Tamb = 15 to 70 °C; VCO =8V
∆VC
typ.
0,7
V


Podobny numer części - TDA1082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
Motorola, Inc
TDA1085 MOTOROLA-TDA1085 Datasheet
170Kb / 12P
   UNIVERSAL MOTOR SPEED CONTROLLER
TDA1085C MOTOROLA-TDA1085C Datasheet
170Kb / 12P
   UNIVERSAL MOTOR SPEED CONTROLLER
More results

Podobny opis - TDA1082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
91Kb / 8P
   COLOR TV EAST-WEST CORRECTION
logo
TEMIC Semiconductors
TDA4951 TEMIC-TDA4951 Datasheet
63Kb / 5P
   TV East/ West Correction Circuit for Square Tubes
logo
STMicroelectronics
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
   EAST/WEST CORRECTION FOR DIGITAL TV-SETS
June 1989
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
   EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com