Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1300 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1300
Szczegółowy opis  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1300 Datasheet HTML 1Page - NXP Semiconductors TDA1300 Datasheet HTML 2Page - NXP Semiconductors TDA1300 Datasheet HTML 3Page - NXP Semiconductors TDA1300 Datasheet HTML 4Page - NXP Semiconductors TDA1300 Datasheet HTML 5Page - NXP Semiconductors TDA1300 Datasheet HTML 6Page - NXP Semiconductors TDA1300 Datasheet HTML 7Page - NXP Semiconductors TDA1300 Datasheet HTML 8Page - NXP Semiconductors TDA1300 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Jul 15
2
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
FEATURES
• Six input buffer amplifiers with low-pass filtering with
virtually no offset
• HF data amplifier with a high or low gain mode
• Two built-in equalizers for single or double speed mode
ensuring high playability in both modes
• Full automatic laser control including stabilization and
an on/off switch and containing a separate supply VDDL
for power reduction
• Applicable with N-sub laser with N-sub or P-sub monitor
diode
• Adjustable laser bandwidth and laser switch-on current
slope
• Protection circuit preventing laser damage due to supply
voltage dip
• Optimized interconnect between pick-up detector and
TDA1301
• Wide supply voltage range
• Wide temperature range
• Low power consumption.
GENERAL DESCRIPTION
The TDA1300 is an integrated data amplifier and laser
supply for three beam pick-up detectors applied in a wide
range of mechanisms for Compact Disc (CD) and read
only optical systems. It offers 6 amplifiers which amplify
and filter the focus and radial diode signals adequately and
provides an equalized RF signal for single or double speed
mode which can be switched by means of the speed
control pin.
The device can handle astigmatic, single Foucault and
double Foucault detectors and is applicable with all N-sub
lasers and N-sub or P-sub monitor diode units.
After a single initial adjustment the circuit keeps control
over the laser diode current resulting in a constant light
output power independent of ageing. The chip is mounted
in a small SO24 or TSSOP24 package enabling mounting
close to the laser pick-up unit on the sledge.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3
5.5
V
Diode current amplifiers (n = 1 to 6)
Gd(n)
diode current gain
1.43
1.55
1.67
IO(d)
diode offset current
−−
100
nA
B
3 dB bandwidth
Ii(d) = 1.67 µA50
−−
kHz
RFE amplifier (built-in equalizer)
td(eq)
equalization delay
fi = 0.3 MHz
320
ns
td(f)
flatness delay
double speed
5
ns
Laser supply
Io(L)
output current
VDDL =3V
−−−100
mA
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1300T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA1300TT
TSSOP24
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1


Podobny numer części - TDA1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Podobny opis - TDA1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com