Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1310A Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA1310A
Szczegółowy opis  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310A Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA1310A Datasheet HTML 4Page - NXP Semiconductors TDA1310A Datasheet HTML 5Page - NXP Semiconductors TDA1310A Datasheet HTML 6Page - NXP Semiconductors TDA1310A Datasheet HTML 7Page - NXP Semiconductors TDA1310A Datasheet HTML 8Page - NXP Semiconductors TDA1310A Datasheet HTML 9Page - NXP Semiconductors TDA1310A Datasheet HTML 10Page - NXP Semiconductors TDA1310A Datasheet HTML 11Page - NXP Semiconductors TDA1310A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
May 1994
8
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
Notes
1. Vripple = 1% of supply voltage; fripple = 100 Hz.
2. Measured with 1 kHz sine wave generated at sampling rate of 192 kHz.
(THD+N)/S
total harmonic distortion plus
noise-to-signal ratio
at 0 dB signal level;
note 2
−−65
−61
dB
0.05
0.08
%
at
−60 dB signal level;
note 2
−−30
−24
dB
36
%
at
−60 dB signal level;
A-weighted; note 2
−−33
dB
2.2
%
at
−60 dB signal level;
A-weighted; note 2;
R3 =R4=11 k
Ω;
see Fig.1; IFS =2mA
1.7
%
at 0 dB signal level;
f = 20 Hz to 20 kHz
−−65
−61
dB
0.05
0.08
%
tcs
current settling time to
±1 LSB
0.2
−µs
αcs
channel separation
86
95
dB
|∆I
O|
unbalance between outputs
IOL and IOR
note 1
0.2
0.3
dB
|t
d|
time delay between outputs
IOL and IOR
−±0.2
−µs
S/N
signal-to-noise ratio at bipolar
zero
A-weighted at code
0000H
86
92
dB
A-weighted; IFS = 2 mA;
R3 =R4=11 k
Ω;
see Fig.1
95
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA1310A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312AT PHILIPS-TDA1312AT Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Podobny opis - TDA1310A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com