Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1373H Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1373H
Szczegółowy opis  General Digital Input GDIN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1373H Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1373H Datasheet HTML 1Page - NXP Semiconductors TDA1373H Datasheet HTML 2Page - NXP Semiconductors TDA1373H Datasheet HTML 3Page - NXP Semiconductors TDA1373H Datasheet HTML 4Page - NXP Semiconductors TDA1373H Datasheet HTML 5Page - NXP Semiconductors TDA1373H Datasheet HTML 6Page - NXP Semiconductors TDA1373H Datasheet HTML 7Page - NXP Semiconductors TDA1373H Datasheet HTML 8Page - NXP Semiconductors TDA1373H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1996 Jul 17
2
Philips Semiconductors
Product specification
General Digital Input (GDIN)
TDA1373H
FEATURES
• Four operating modes:
– Sample Rate Conversion (SRC) mode
– AD/DA mode
– SLAVE-VCO mode
– SLAVE-VCXO mode
• Full digital sample rate conversion over a wide range of
input sample rates
• Fast and automatic detection and locking to the input
sample rate with continuous tracking
• Digital Phase-Locked Loop (PLL) with adaptive
bandwidth which removes jitter on the digital audio input
• Audio outputs (soft) muted during loop acquisition
• Full linear phase processing based on all-FIR filtering
• Integrated full digital IEC 958 demodulator for digital
input signals (AES/EBU or SPDIF format) with intelligent
error handling
• Extended input sample frequency range
• IEC 958 Channel Status (CS) and User Channel (UC)
outputs
• On-chip CS and/or UC demodulation and buffering
(consumer and professional format)
• Dedicated subcode processing for Compact Disc (CD)
• Final output quantization to 16, 18 or 20 bits with
optional in-audio-band noise shaping
• Bitstream input and output for coupling with 1-bit
analog-to-digital conversion (ADC) and digital-to-analog
conversion (DAC)
• I2S and Japanese serial input formats supported for
SRC and DAC functions
• I2S and Japanese serial output formats supported for
SRC and ADC functions
• I2S and Japanese 4× oversampled serial output
available for SRC and ADC functions
• 8-bit digital gain/attenuation control
• Switchable Digital Signal Processor (DSP)-interface
(I2S input and output) for additional audio processing
• Additional clock outputs available at 768, 384, 256 and
128fso
• 3-line serial microcontroller interface, compatible with
the Philips CD I.C. protocol (HCL)
• 5 V power supply
• 0.7 µm double metal Complementary Metal Oxide
Semiconductor (CMOS)
• SRC THD + N:
−113 dB over the 0 to 20 kHz band (1 kHz, 20 bits
input and output) (see Fig.3)
−95 dB over the 0 to 20 kHz band (1 kHz, 16 bits
input and output)
• Pass band ripple smaller than ±0.004 dB for
up-sampling and down-sampling filters
• Stop band suppression:
– selectable between 70 dB and 50 dB for 64
×
up-sampling filters
– 80 dB for 128
× down-sampling filters
• Microcontroller operated and stand-alone mode.
APPLICATIONS
• Professional audio equipment for:
– mixing
– recording
– editing
– broadcasting
• CD-Recordable (CD-R)
• Digital Speaker Systems (DSS)
• Digital Compact Cassette recorders (DCC)
• Digital Audio Tape (DAT) and MD recorders
• Digital amplifiers
• Jitter killers.


Podobny numer części - TDA1373H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

Podobny opis - TDA1373H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
LB1001A PF-LB1001A Datasheet
157Kb / 3P
   Digital Input
2021-12-01
LB1015A PF-LB1015A Datasheet
637Kb / 3P
   Digital Input
2021-12-01
FB1202B PF-FB1202B Datasheet
533Kb / 3P
   Digital Input
FB1209B3 PF-FB1209B3 Datasheet
802Kb / 3P
   Digital Input
LB1109A PF-LB1109A Datasheet
611Kb / 3P
   Digital Input
2021-12-01
LB1008A PF-LB1008A Datasheet
549Kb / 3P
   Digital Input
2021-12-01
LB1002A PF-LB1002A Datasheet
528Kb / 3P
   Digital Input
2021-11-16
LB1014A PF-LB1014A Datasheet
523Kb / 3P
   Digital Input
2020-04-30
FB1201B PF-FB1201B Datasheet
517Kb / 3P
   Digital Input
FB1308B2 PF-FB1308B2 Datasheet
601Kb / 4P
   Digital Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com