Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1517A Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA1517A
Szczegółowy opis  8 W BTL or 2 x 4 W SE power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517A Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA1517A Datasheet HTML 5Page - NXP Semiconductors TDA1517A Datasheet HTML 6Page - NXP Semiconductors TDA1517A Datasheet HTML 7Page - NXP Semiconductors TDA1517A Datasheet HTML 8Page - NXP Semiconductors TDA1517A Datasheet HTML 9Page - NXP Semiconductors TDA1517A Datasheet HTML 10Page - NXP Semiconductors TDA1517A Datasheet HTML 11Page - NXP Semiconductors TDA1517A Datasheet HTML 12Page - NXP Semiconductors TDA1517A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2001 Apr 17
9
Philips Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
The formula for the cut-off frequency at the input is as
follows:
thus
As can be seen it is not necessary to use high capacitor
values for the input; so the delay during switch-on, which
is necessary for charging the input capacitors, can be
minimized. This results in a good low frequency response
and good switch-on behaviour.
In stereo applications (single-ended) coupling capacitors
on both input and output are necessary. It should be noted
that the outputs of both amplifiers are in opposite phase.
Built-in protection circuits
The IC contains two types of protection circuits:
• Short-circuits the outputs to ground, the supply to
ground and across the load: short-circuit is detected and
controlled by a SOAR protection circuit
• Thermal shut-down protection: the junction temperature
is measured by a temperature sensor. Thermal foldback
is activated at a junction temperature of >150
°C.
Output power
The output power as a function of supply voltage has been
measured on the output pins and at THD = 10%. The
maximum output power is limited by the maximum
allowable power dissipation and the maximum available
output current, 2.5 A repetitive peak current.
Supply voltage ripple rejection
The SVRR has been measured without an electrolytic
capacitor on pin 5 and at a bandwidth of 10 Hz to 80 kHz.
The curves for operating and mute condition (respectively)
were measured with Rsource =0 Ω. Only in single-ended
applications is an electrolytic capacitor (e.g. 100
µF) on
pin 5 necessary to improve the SVRR behaviour.
Headroom
A typical music CD requires at least 12 dB (is factor 15.85)
dynamic headroom (compared with the average power
output) for passing the loudest portions without distortion.
The following calculation can be made for this application
at VP = 12 V and RL =8 Ω: Po at THD = 0.1% is
approximately 5 W (see Fig.7).
Average listening level without any distortion yields:
The power dissipation can be derived from Fig.11 for 0 dB
and 12 dB headroom.
Table 1
Power rating
Thus for the average listening level (music power) a power
dissipation of 2.0 W can be used for the thermal PCB
calculation; see Section “Thermal behaviour (PCB design
considerations)”.
Mode pin
For the 3 functional modes: standby, mute and operate,
the MODE pin can be driven by a 3-state logic output
stage, e.g. a microcontroller with some extra components
for DC-level shifting; see Fig.10 for the respective
DC levels.
• Standby mode is activated by a low DC level between
0 and 2 V. The power consumption of the IC will be
reduced to <0.12 mW.
• Mute mode is activated by a DC level between
3.3 and 6.4 V. The outputs of the amplifier will be muted
(no audio output); however the amplifier is DC biased
and the DC level of the output pins stays at half the
supply voltage. The input coupling capacitors are
charged when in mute mode to avoid pop-noise.
• The IC will be in the operating condition when the
voltage at pin MODE is between 8.5 V and VCC.
Switch-on/switch-off
To avoid audible plops during switch-on and switch-off of
the supply voltage, the MODE pin has to be set in standby
condition (VCC level) before the voltage is applied
(switch-on) or removed (switch-off). The input and SVRR
capacitors are smoothly charged during mute mode.
The turn-on and turn-off time can be influenced by an
RC-circuit connected to the MODE pin. Switching the
device or the MODE pin rapidly on and off may cause ‘click
and pop’ noise. This can be prevented by proper timing on
the MODE pin. Further improvement in the BTL application
can be obtained by connecting an electrolytic capacitor
(e.g. 100
µF) between the SVRR pin and signal ground.
f
IC
1
2
π
×
R
i Ci
×
------------------------------
=
f
IC
1
2
π
×
30
×
10
3
×
470
×
10
9
×
------------------------------------------------------------------------------
11 Hz
==
RATING
HEADROOM
POWER
DISSIPATION
Po =5W
(THD = 0.1%)
0 dB
3.5 W
12 dB
2.0 W
P
ALL
P
tot
factor
-----------------
5
15.85
---------------
315 mW
==
=


Podobny numer części - TDA1517A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
More results

Podobny opis - TDA1517A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com