Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1518BQ Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA1518BQ
Szczegółowy opis  24 W BTL or 2 x 12 watt stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1518BQ Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA1518BQ Datasheet HTML 3Page - NXP Semiconductors TDA1518BQ Datasheet HTML 4Page - NXP Semiconductors TDA1518BQ Datasheet HTML 5Page - NXP Semiconductors TDA1518BQ Datasheet HTML 6Page - NXP Semiconductors TDA1518BQ Datasheet HTML 7Page - NXP Semiconductors TDA1518BQ Datasheet HTML 8Page - NXP Semiconductors TDA1518BQ Datasheet HTML 9Page - NXP Semiconductors TDA1518BQ Datasheet HTML 10Page - NXP Semiconductors TDA1518BQ Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
July 1994
8
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo
car radio power amplifier
TDA1518BQ
Notes to the characteristics
1. All characteristics, for stereo application are measured using the circuit shown in Fig.3.
2. The circuit is d.c. adjusted at VP = 6 V to 18 V and a.c. operating at VP = 8,1 V to 18 V.
3. Value to be fixed.
4. At 18 V < VP < 30 V the d.c. output voltage ≤ VP/2.
5. Output power is measured directly at the output pins of the lC.
6. With bootstrap and a 100 k
Ω resistor from pin 12 to the positive supply voltage (V
P), value of bootstrap capacitor is
47
µF.
7. Frequency response externally fixed.
8. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 1 kHz and 10 kHz.
9. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
10. Noise output voltage independent of RS (VI = 0 V).
11. All characteristics, for BTL application are measured using the circuit shown in Fig.4.
Low frequency roll-off
note 7;
−3 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
45
46
47
dB
Supply voltage ripple
rejection:
note 8
ON
RR
48
−−
dB
mute
RR
48
−−
dB
stand-by
RR
80
−−
dB
Input impedance
|ZI|
253038k
Noise output voltage:
note 9;
ON
RS = 0 Ω
Vno(rms)
200
−µV
ON
RS = 10 kΩ
Vno(rms)
350
700
µV
mute
note 10
Vno(rms)
120
−µV
Switch-on/switch-off
behaviour
dV/dt
−−
note 3
V/ms
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA1518BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1510 PHILIPS-TDA1510 Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
More results

Podobny opis - TDA1518BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com