Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1523 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA1523
Szczegółowy opis  Stereo cassette head preamplifier and equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1523 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA1523 Datasheet HTML 1Page - NXP Semiconductors TDA1523 Datasheet HTML 2Page - NXP Semiconductors TDA1523 Datasheet HTML 3Page - NXP Semiconductors TDA1523 Datasheet HTML 4Page - NXP Semiconductors TDA1523 Datasheet HTML 5Page - NXP Semiconductors TDA1523 Datasheet HTML 6Page - NXP Semiconductors TDA1523 Datasheet HTML 7Page - NXP Semiconductors TDA1523 Datasheet HTML 8Page - NXP Semiconductors TDA1523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Feb 26
5
Philips Semiconductors
Preliminary specification
Stereo cassette head
preamplifier and equalizer
TDA1523
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); note 1.
Note
1. All pins except 2 and 6 (feedback) can be connected to VP (pin 7) or ground (pin 4).
CHARACTERISTICS
VP = 8.5 V; Tamb =25 °C; see test circuit Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 7)
7.5
12
V
Ifb
feedback current (pins 2 and 6)
10
mA
Ptot
total power dissipation
300
mW
Tamb
operating ambient temperature
−30
+85
°C
Tstg
storage temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 7)
VP
supply voltage
7.5
12
V
IP
supply current
5
mA
Inputs (pins 3 or 5)
Vni(rms)
unweighted noise input voltage
(RMS value)
f = 20 Hz to 20 kHz;
measured in Fig.3
1.6
µV
Vni
noise input voltage
RS = 0; f = 1 kHz; measured
in Fig.3; see also Fig.5
5
Ini
noise input current
f = 1 kHz; measured in Fig.3;
see also Fig.6
1.2
I3, I5
DC input current at pins 3 and 5
−−−2
µA
Z
i
input impedance
f = 1 kHz; note 1
200
−−
k
Outputs (pins 14 or 8); see Fig.7
Vo
output voltage
Vi = 0.3 mV; f = 315 Hz
0.72
V
THD = 1%; f = 1 kHz
1.0
−−
V
IO
output source current
V1-4 ≥ 7.5 V; mute off
−5
−10
mA
VO
DC output voltage
3.7
V
Vno(rms)
weighted noise output voltage;
DIN A (RMS value)
RS = 300 Ω; LS =80mH
700
−µV
Vno
weighted noise output voltage
CCITT (peak value)
RS = 300 Ω; LS =80mH
1200
−µV
CCIR (peak value)
RS = 300 Ω; LS =80mH
1600
−µV
Vno
unweighted noise output voltage;
DIN 45405 (peak value)
RS = 300 Ω; LS =80mH
1800
−µV
Z
o
output impedance
f = 1 kHz; note 1
−−
1k
nV
Hz
------------
pA
Hz
------------


Podobny numer części - TDA1523

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Podobny opis - TDA1523

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
logo
Panasonic Semiconductor
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
logo
Sony Corporation
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com