Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1553Q Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1553Q
Szczegółowy opis  2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1553Q Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1553Q Datasheet HTML 1Page - NXP Semiconductors TDA1553Q Datasheet HTML 2Page - NXP Semiconductors TDA1553Q Datasheet HTML 3Page - NXP Semiconductors TDA1553Q Datasheet HTML 4Page - NXP Semiconductors TDA1553Q Datasheet HTML 5Page - NXP Semiconductors TDA1553Q Datasheet HTML 6Page - NXP Semiconductors TDA1553Q Datasheet HTML 7Page - NXP Semiconductors TDA1553Q Datasheet HTML 8Page - NXP Semiconductors TDA1553Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier with loudspeaker protection
TDA1553Q
GENERAL DESCRIPTION
The TDA1553Q is an integrated class-B output amplifier in a 13-lead singe-in-line (SIL) plastic power package.
The circuit contains 2 x 22 W amplifiers in Bridge Tied Load (BTL) configuration. The device is primarily developed for
car radio applications.
Features
• Requires very few external components
• High output power
• Low offset voltage at outputs
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• AC and DC short-circuit-safe to ground and V
P
• Loudspeaker protection (LSP)
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Low thermal resistance
• Flexible leads
QUICK REFERENCE DATA
PACKAGE OUTLINE
13-lead SIL-bent-to-DIL; plastic power (SOT141R); SOT141-6; 1996 July 24.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6.0
14.4
18.0
V
non-operating
VP
−−
30
V
load dump protected
VP
−−
45
V
Repetitive peak output
current
IORM
−−
4A
Total quiescent current
Itot
80
160
mA
Stand-by current
Isb
0.1
100
µA
Switch-on current
Isw
−−
60
µA
Input impedance
|ZI|
506075k
Junction temperature
Tj
−−
150
°C
Stereo application
Output power
RL= 4 Ω; THD = 10%
Po
20
22
W
Supply voltage ripple
rejection
RS = 0 Ω
f = 100 Hz to 10 kHz
RR
48
−−
dB
DC output offset voltage
|
∆V
O|
−−
150
mV
Channel separation
α
40
−−
dB
Channel unbalance
|
∆G
v|
−−
1dB


Podobny numer części - TDA1553Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Podobny opis - TDA1553Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com