Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1579T Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA1579T
Szczegółowy opis  Decoder for traffic warning VWF radio transmissions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1579T Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA1579T Datasheet HTML 5Page - NXP Semiconductors TDA1579T Datasheet HTML 6Page - NXP Semiconductors TDA1579T Datasheet HTML 7Page - NXP Semiconductors TDA1579T Datasheet HTML 8Page - NXP Semiconductors TDA1579T Datasheet HTML 9Page - NXP Semiconductors TDA1579T Datasheet HTML 10Page - NXP Semiconductors TDA1579T Datasheet HTML 11Page - NXP Semiconductors TDA1579T Datasheet HTML 12Page - NXP Semiconductors TDA1579T Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
May 1992
10
Philips Semiconductors
Product specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1579
TDA1579T
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT102-1
93-10-14
95-01-23
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.53
0.38
0.32
0.23
21.8
21.4
6.48
6.20
3.9
3.4
0.254
2.54
7.62
8.25
7.80
9.5
8.3
0.85
4.7
0.51
3.7
inches
0.055
0.044
0.021
0.015
0.013
0.009
1.40
1.14
0.055
0.044
0.86
0.84
0.26
0.24
0.15
0.13
0.01
0.10
0.30
0.32
0.31
0.37
0.33
0.033
0.19
0.020
0.15
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
18
1
10
9
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DIP18: plastic dual in-line package; 18 leads (300 mil)
SOT102-1


Podobny numer części - TDA1579T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

Podobny opis - TDA1579T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1581T PHILIPS-TDA1581T Datasheet
115Kb / 14P
   Decoder for traffic warning VWF radio transmissions
March 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com