Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1579T Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA1579T
Szczegółowy opis  Decoder for traffic warning VWF radio transmissions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1579T Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA1579T Datasheet HTML 1Page - NXP Semiconductors TDA1579T Datasheet HTML 2Page - NXP Semiconductors TDA1579T Datasheet HTML 3Page - NXP Semiconductors TDA1579T Datasheet HTML 4Page - NXP Semiconductors TDA1579T Datasheet HTML 5Page - NXP Semiconductors TDA1579T Datasheet HTML 6Page - NXP Semiconductors TDA1579T Datasheet HTML 7Page - NXP Semiconductors TDA1579T Datasheet HTML 8Page - NXP Semiconductors TDA1579T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
May 1992
2
Philips Semiconductors
Product specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1579
TDA1579T
GENERAL DESCRIPTION
The TDA1579 decoder is for radio transmissions having
57 kHz amplitude-modulated subcarriers as used in the
German 'Verkehrs Warnfunk' (VWF) traffic warning
system.
Features
• Selective subcarrier amplifier (57 kHz) with gain control
• Transmitter identification signal (SK) decoder
• Area identification signal (BK) and announcement
identification signal (DK) active filtering
• BK and DK decoders (Schmitt trigger with switched
hysteresis)
• BK and DK switch-on/switch-off delay circuits
• Driver output for SK indicator (LED)
• SK and BK control outputs.
QUICK REFERENCE DATA
Measured in Fig.1 at ViSK = 8 mV; f = 57 kHz amplitude modulated with fm = 34.95 Hz and m = 60% for
‘BK-traffic area C’ signal; or with fm = 125 Hz and m = 30% for DK signal.
PACKAGE OUTLINES
TDA1579: 18-lead DIL; plastic (SOT102); SOT102-1; 1996 August 12.
TDA1579T: 20-lead mini-pack; plastic (SO20; SOT163A); SOT163-1; 1996 August 12.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VP
7.5
8.5
12
V
Supply current
IP
6
mA
Nominal input voltage
at f = 57 kHz
ViSK
8
mV
Input impedance
at f
≤ 57 kHz
Zi
100
−−
k
Control level
−3 dB
ViSK
2.4
mV
Input voltage
peak-to-peak value
Vi(p-p)
2
−−
V
SK switch-on
threshold level
mBKon
42
%
SK switch hysteresis
∆mBK
3.5
dB
SK switch-on delay
tdSKon
150
ms
SK switch-off delay
tdSKoff
750
ms
DK switch-on
threshold level
mDKon
13
%
DK switch hysteresis
∆mDK
3.6
dB
DK switch-on delay
tdDKon
750
ms
DK switch-off delay
tdDKoff
750
ms
Ambient operating
temperature range
Tamb
−30
−+ 80
°C


Podobny numer części - TDA1579T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

Podobny opis - TDA1579T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1581T PHILIPS-TDA1581T Datasheet
115Kb / 14P
   Decoder for traffic warning VWF radio transmissions
March 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com