Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5651-003-D-3-N Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM5651-003-D-3-N
Szczegółowy opis  Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM5651-003-D-3-N Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5651-003-D-3-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5651-003-D-3-N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
I NCO R P O R AT ED
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
SM5651/SM5652
Low Pressure, Constant Current DIP
Low Pressure, Constant Voltage DIP
Rev 1.2 8_02
• LOW PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED
DUAL-IN-LINE PACKAGE
DESCRIPTION
The SM5650 Series of OEM pressure
sensors are fully calibrated, temperature
compensated low-pressure sensors in dual
in-line packages for printed circuit board
mounting. These sensors offer improved
performance as well as the option for either
constant current or constant voltage
excitation. Higher pressure ranges are also
available (See SM5611/SM5612
Datasheet), resulting in the broadest
selection of standard pressure ranges in the
industry.
The SM5600 Series pressure sensors are
constructed by attaching a highly stable
piezoresistive pressure sensor chip to a
ceramic substrate. Thick film resistors on
the ceramic are laser trimmed during
manufacturing to provide zero offset
calibration, temperature compensation for
zero offset, and temperature compensation
for sensitivity. In the Model SM5651, an
additional resistor is trimmed to normalize
the output of an external differential amplifier
to provide span calibration when the sensor
is driven by a constant current supply. In
the Model SM5652, a constant voltage
supply can be used and the normalized
output span of each sensor can then be
easily amplified.
The model SM5651 is designed for constant
current excitation.
The model SM5652 is designed for constant
voltage excitation.
Various electrical pin and pressure port
configurations are available for flexibility in
matching this product to specific
applications.
FEATURES
Low pressure (from 0-0.15 PSI FS to 0-
3.0 PSI FS)
Constant voltage and constant current
versions
Easy to use dual in-line package (DIP)
Wide 0-60°C compensated temperature
range
Span calibration to ±2% for low pressure
Zero offset calibration
High performance, stable packaged
silicon chip
Gage and differential pressure
configurations
APPLICATIONS
Medical equipment
Respiration
HVAC
Level detection
Flow measurement
Industrial control


Podobny numer części - SM5651-003-D-3-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
More results

Podobny opis - SM5651-003-D-3-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Linkage Goston Electron...
SM8200 LINKAGE-SM8200 Datasheet
4Mb / 7P
   Program-controlled constant pressure chip
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com