Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC374TWN1-35Q-A1 Arkusz danych(PDF) 4 Page - Cree, Inc

Numer części LC374TWN1-35Q-A1
Szczegółowy opis  3-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

LC374TWN1-35Q-A1 Arkusz danych(HTML) 4 Page - Cree, Inc

  LC374TWN1-35Q-A1 Datasheet HTML 1Page - Cree, Inc LC374TWN1-35Q-A1 Datasheet HTML 2Page - Cree, Inc LC374TWN1-35Q-A1 Datasheet HTML 3Page - Cree, Inc LC374TWN1-35Q-A1 Datasheet HTML 4Page - Cree, Inc LC374TWN1-35Q-A1 Datasheet HTML 5Page - Cree, Inc LC374TWN1-35Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT023.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LC374TWN1-35P-A1
Rev. No.
04
Graphs
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2007-04-26
Rev. No
Date
Change Description
Checked by
HuangJD
2007-04-26
02
2006-04-17 Cancel VF bin.
Change IV from U,V,W(typ)2600 to V,W,X(typ)3800mcd, 2
½ from
40deg to 35deg. Dimension Drawing from 10.5 0.5 to 10.6 0.5
Approved by
David
2007-04-26
03
2006-05-15
FCN#
FCN20070432
04
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Podobny numer części - LC374TWN1-35Q-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results

Podobny opis - LC374TWN1-35Q-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWR1-35Q-A1 CREE-LC374TWR1-35Q-A1 Datasheet
358Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com