Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS43-180 Arkusz danych(PDF) 3 Page - ice Components, Ins.

Numer części GS43-180
Szczegółowy opis  Surface Mount Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICE [ice Components, Ins.]
Strona internetowa  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GS43-180 Arkusz danych(HTML) 3 Page - ice Components, Ins.

  GS43-180 Datasheet HTML 1Page - ice Components, Ins. GS43-180 Datasheet HTML 2Page - ice Components, Ins. GS43-180 Datasheet HTML 3Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Power Inductors
DIMENSIONS
TYPE
A
B
Height
C
GS43
4.0 +/- 0.3
4.5 +/- 0.3
3.2 +/- 0.3
1.0 Typ.
GS54
5.2 +/- 0.3
5.8 +/- 0.3
4.5 +/- 0.3
1.3 Typ.
GS75
7.0 +/- 0.3
7.8 +/- 0.3
5.0 +/- 0.3
2.1 Typ.
GS105
9.0 +/- 0.3
10.0 +/- 0.3
5.4 +/- 0.3
2.9 Typ.
measurements in mm
GS
XXX
B
A
C
MECHANICAL
ELECTRICAL
SPECIFICA TIONS
GS
105
Part Number
Inductance
Test Freq.
RDC
IDC
(uH min.)
(MHz)
(Ohms)
(Amps)
GS105-100
10
2.52 MHz
0.060
2.60
GS105-120
12
2.52 MHz
0.070
2.45
GS105-150
15
2.52 MHz
0.080
2.27
GS105-180
18
2.52 MHz
0.090
2.15
GS105-220
22
2.52 MHz
0.100
1.95
GS105-270
27
2.52 MHz
0.110
1.76
GS105-330
33
2.52 MHz
0.120
1.50
GS105-390
39
2.52 MHz
0.140
1.37
GS105-470
47
2.52 MHz
0.170
1.28
GS105-560
56
2.52 MHz
0.190
1.17
GS105-680
68
2.52 MHz
0.220
1.11
GS105-820
82
2.52 MHz
0.250
1.00
GS105-101
100
1.00 kHz
0.350
0.97
GS105-121
120
1.00 kHz
0.400
0.89
GS105-151
150
1.00 kHz
0.470
0.78
GS105-181
180
1.00 kHz
0.630
0.72
GS105-221
220
1.00 kHz
0.730
0.66
GS105-271
270
1.00 kHz
0.970
0.57
GS105-331
330
1.00 kHz
1.150
0.52
GS105-391
390
1.00 kHz
1.300
0.48
GS105-471
470
1.00 kHz
1.480
0.42
GS105-561
560
1.00 kHz
1.900
0.33
GS105-681
680
1.00 kHz
2.250
0.28
GS105-821
820
1.00 kHz
2.550
0.24
ICE COMPONENTS, INC.
www .icecomponents .com
PH 800-729-2099
GS-3


Podobny numer części - GS43-180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
GS43-180 ICE-GS43-180 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
More results

Podobny opis - GS43-180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com