Zakładka z wyszukiwarką danych komponentów |
|
TC10725.0VCT713 Arkusz danych(PDF) 9 Page - Microchip Technology |
|
TC10725.0VCT713 Arkusz danych(HTML) 9 Page - Microchip Technology |
9 / 22 page © 2007 Microchip Technology Inc. DS21354D-page 9 TC1072/TC1073 Note: Unless otherwise specified, all parts are measured at temperature = +25°C. ILOAD VOUT Load Regulation of 3.3V LDO Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF, VIN = VOUT + 0.25V, Temp = 25°C ILOAD = 50mA switched in at 10kHz, VOUT is AC coupled Load Regulation of 3.3V LDO Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF, VIN = VOUT + 0.25V, Temp = 25°C ILOAD = 150mA switched in at 10kHz, VOUT is AC coupled ILOAD VOUT Load Regulation of 3.3V LDO Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF, VIN = VOUT + 0.25V, Temp = 25°C ILOAD = 100mA switched in at 10kHz, VOUT is AC coupled ILOAD VOUT VIN VOUT Line Regulation of 3.3V LDO Conditions: VIN = 4V, + 1V Squarewave @ 2.5kHz CIN = 0μF, COUT = 1μF, CBYP = 470pF, ILOAD = 100mA, VIN & VOUT are AC coupled |
Podobny numer części - TC10725.0VCT713 |
|
Podobny opis - TC10725.0VCT713 |