Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD281LL Arkusz danych(PDF) 2 Page - Jianghai Europe GmbH

Numer części CD281LL
Szczegółowy opis  EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD281LL Arkusz danych(HTML) 2 Page - Jianghai Europe GmbH

  CD281LL Datasheet HTML 1Page - Jianghai Europe GmbH CD281LL Datasheet HTML 2Page - Jianghai Europe GmbH CD281LL Datasheet HTML 3Page - Jianghai Europe GmbH CD281LL Datasheet HTML 4Page - Jianghai Europe GmbH CD281LL Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CD
281 LL Series
Ratings for CD 281 LL Series
V
DC
(Surge
Voltage)
Code
Rated
Capa-
citance
Max ESR
20°C,
120Hz
Max Imp
20°C,
100kHz
Max Imp
-10°C,
100kHz
Max
Ripple
Current
105°C,
100kHz
Size
Ø D x L
(V)
(µF)
(Ω)
(Ω)
(Ω)
(mArms)
(mm)
6,3
(7,2)
0J
100
2,919
0,65
1,30
175
5 x 11,5
150
1,946
0,46
0,92
235
5 x 15
220
1,327
0,30
0,60
290
6,3 x 11,5
330
0,885
0,20
0,40
400
6,3 x 15
470
0,621
0,17
0,34
488
8 x 11,5
680
0,429
0,13
0,26
617
8 x 16
0,429
0,12
0,24
613
10 x 12,5
820
0,356
0,095
0,19
734
10 x 16
1 000
0,292
0,095
0,19
800
8 x 20
1 200
0,243
0,065
0,13
1 010
10 x 20
0,243
0,065
0,13
1 010
12,5 x 15
1 500
0,195
0,055
0,11
1 190
10 x 25
2 200
0,145
0,045
0,090
1 440
10 x 30
0,145
0,042
0,084
1 400
12,5 x 20
2 700
0,118
0,038
0,076
1 690
12,5 x 25
0,118
0,046
0,092
1 310
16 x 15
3 300
0,105
0,043
0,086
1 460
18 x 15
3 900
0,088
0,032
0,064
1 950
12,5 x 30
4 700
0,079
0,028
0,056
2 220
12,5 x 35
0,079
0,034
0,068
1 660
16 x 20
5 600
0,071
0,026
0,052
2 390
12,5 x 40
0,071
0,028
0,056
2 070
16 x 25
0,071
0,030
0,060
1 850
18 x 20
6 800
0,062
0,025
0,050
2 350
16 x 31,5
0,062
0,027
0,054
2 120
18 x 25
8 200
0,058
0,022
0,044
2 550
16 x 35,5
10 000
0,053
0,023
0,046
2 410
18 x 31,5
12 000
0,049
0,020
0,040
2 970
16 x 40
0,049
0,020
0,040
2 680
18 x 35,5
15 000
0,044
0,019
0,038
3 010
18 x 40
10
(13)
1A
82
3,075
0,65
1,30
175
5 x 11,5
100
2,521
0,46
0,92
235
5 x 15
180
1,401
0,30
0,60
290
6,3 x 11,5
220
1,146
0,20
0,40
400
6,3 x 15
330
0,764
0,17
0,34
488
8 x 11,5
470
0,536
0,13
0,26
617
8 x 16
0,536
0,12
0,24
613
10 x 12,5
560
0,450
0,095
0,19
734
10 x 16
680
0,371
0,095
0,19
800
8 x 20
1 000
0,252
0,065
0,12
1 010
10 x 20
0,252
0,065
0,13
1 010
12,5 x 15
1 200
0,210
0,055
0,11
1 190
10 x 25
1 500
0,168
0,045
0,090
1 440
10 x 30
1 800
0,140
0,042
0,084
1 400
12,5 x 20
0,140
0,046
0,092
1 310
16 x 15
2 200
0,127
0,038
0,076
1 690
12,5 x 25
0,127
0,043
0,086
1 460
18 x 15
2 700
0,103
0,032
0,064
1 950
12,5 x 30
3 300
0,092
0,028
0,056
2 220
12,5 x 35
0,092
0,034
0,068
1 660
16 x 20
3 900
0,078
0,026
0,052
2 390
12,5 x 40
0,078
0,028
0,056
2 070
16 x 25
0,078
0,030
0,060
1 850
18 x 20
4 700
0,071
0,027
0,054
2 120
18 x 25
5 600
0,064
0,025
0,050
2 350
16 x 31,5
6 800
0,057
0,022
0,044
2 550
16 x 35,5
0,057
0,023
0,046
2 410
18 x 31,5
8 200
0,053
0,020
0,040
2 970
16 x 40
0,053
0,020
0,040
2 680
18 x 35,5
10 000
0,049
0,019
0,038
3 010
18 x 40
16
(20)
1C
56
3,791
0,65
1,30
175
5 x 11,5
82
2,589
0,46
0,92
235
5 x 15
120
1,769
0,30
0,60
290
6,3 x 11,5
180
1,180
0,20
0,40
400
6,3 x 15
270
0,786
0,17
0,34
501
8 x 11,5
330
0,643
0,13
0,26
575
8 x 16
0,643
0,12
0,24
625
10 x 12,5
390
0,544
0,095
0,19
795
10 x 16
470
0,452
0,095
0,19
760
8 x 20
680
0,312
0,065
0,13
1 010
10 x 20
0,312
0,065
0,13
1 010
12,5 x 15
820
0,259
0,055
0,11
1 190
10 x 25
V
DC
(Surge
Voltage)
Code
Rated
Capa-
citance
Max ESR
20°C,
120Hz
Max Imp
20°C,
100kHz
Max Imp
-10°C,
100kHz
Max
Ripple
Current
105°C,
100kHz
Size
Ø D x L
(V)
(µF)
(Ω)
(Ω)
(Ω)
(mArms)
(mm)
16
(20)
1C
1 200
0,177
0,045
0,090
1 430
10 x 30
0,177
0,042
0,084
1 400
12,5 x 20
1 500
0,142
0,038
0,076
1 690
12,5 x 25
0,142
0,046
0,092
1 340
16 x 15
0,142
0,043
0,086
1 490
18 x 15
2 200
0,109
0,032
0,064
1 950
12,5 x 30
0,109
0,034
0,068
1 730
16 x 20
2 700
0,088
0,028
0,056
2 200
12,5 x 35
0,088
0,028
0,056
2 070
16 x 25
0,088
0,030
0,060
1 870
18 x 20
3 300
0,080
0,026
0,052
2 390
12,5 x 40
3 900
0,068
0,025
0,050
2 350
16 x 31,5
0,068
0,027
0,054
2 160
18 x 25
4 700
0,062
0,022
0,044
2 550
16 x 35,5
0,062
0,023
0,046
2 450
18 x 31,5
5 600
0,057
0,020
0,040
2 900
16 x 40
6 800
0,051
0,020
0,040
2 730
18 x 35,5
8 200
0,049
0,019
0,038
3 060
18 x 40
25
(32)
1E
39
4,763
0,65
1,30
175
5 x 11,5
56
3,317
0,46
0,92
235
5 x 15
82
2,266
0,30
0,60
290
6,3 x 11,5
120
1,548
0,20
0,40
400
6,3 x 15
180
1,032
0,17
0,34
503
8 x 11,5
220
0,844
0,13
0,26
575
8 x 16
0,844
0,12
0,24
629
10 x 12,5
270
0,688
0,095
0,19
795
10 x 16
330
0,563
0,095
0,19
751
8 x 20
470
0,395
0,065
0,13
1 010
10 x 20
0,395
0,065
0,13
1 010
12,5 x 15
560
0,332
0,055
0,11
1 190
10 x 25
820
0,227
0,045
0,090
1 440
10 x 30
0,227
0,042
0,084
1 400
12,5 x 20
0,227
0,046
0,092
1 360
16 x 15
1 000
0,186
0,038
0,076
1 690
12,5 x 25
1 200
0,155
0,043
0,086
1 500
18 x 15
1 500
0,124
0,032
0,064
1 950
12,5 x 30
0,124
0,034
0,068
1 730
16 x 20
1 800
0,103
0,028
0,056
2 200
12,5 x 35
0,103
0,028
0,056
2 070
16 x 25
0,103
0,030
0,060
1 890
18 x 20
2 200
0,097
0,026
0,052
2 390
12,5 x 40
2 700
0,079
0,025
0,050
2 350
16 x 31,5
0,079
0,027
0,054
2 180
18 x 25
3 300
0,072
0,022
0,044
2 550
16 x 35,5
0,072
0,023
0,046
2 470
18 x 31,5
3 900
0,061
0,020
0,040
2 900
16 x 40
0,061
0,020
0,040
2 740
18 x 35,5
4 700
0,056
0,019
0,038
3 070
18 x 40
35
(44)
1V
27
5,898
0,65
1,30
175
5 x 11,5
39
4,083
0,46
0,92
235
5 x 15
56
2,843
0,30
0,60
290
6,3 x 11,5
82
1,942
0,20
0,40
400
6,3 x 15
120
1,327
0,17
0,34
501
8 x 11,5
150
1,062
0,12
0,24
625
10 x 12,5
180
0,885
0,13
0,26
575
8 x 16
0,885
0,095
0,19
795
10 x 16
220
0,724
0,095
0,19
760
8 x 20
330
0,483
0,065
0,13
1 010
10 x 20
0,483
0,065
0,13
1 010
12,5 x 15
390
0,408
0,055
0,11
1 190
10 x 25
560
0,284
0,045
0,090
1 450
10 x 30
0,284
0,042
0,084
1 400
12,5 x 20
0,284
0,046
0,092
1 360
16 x 15
680
0,234
0,038
0,076
1 690
12,5 x 25
0,234
0,043
0,086
1 520
18 x 15
1 000
0,159
0,032
0,064
1 950
12,5 x 30
0,159
0,034
0,068
1 730
16 x 20
1 200
0,133
0,028
0,056
2 200
12,5 x 35
0,133
0,028
0,056
2 070
16 x 25
0,133
0,030
0,060
1 900
18 x 20
1 500
0,106
0,026
0,052
2 390
12,5 x 40
Custom products are available on request.
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Podobny numer części - CD281LL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
More results

Podobny opis - CD281LL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
CD110PT JIANGHAI-CD110PT Datasheet
926Kb / 4P
   EC Radial Standard 85째C 3.000 - 4.000h Lifetime (Radial)
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
   EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CDVZVZ JIANGHAI-CDVZVZ Datasheet
779Kb / 3P
   EC SMD 105째C 2.000-3.000h Lifetime Low Impedance ESR(SMD)
CD136PK JIANGHAI-CD136PK Datasheet
880Kb / 4P
   EC Screw Standard 105째C 4.000h Lifetime(Screw)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com