Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD299PG Arkusz danych(PDF) 2 Page - Jianghai Europe GmbH

Numer części CD299PG
Szczegółowy opis  EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD299PG Arkusz danych(HTML) 2 Page - Jianghai Europe GmbH

  CD299PG Datasheet HTML 1Page - Jianghai Europe GmbH CD299PG Datasheet HTML 2Page - Jianghai Europe GmbH CD299PG Datasheet HTML 3Page - Jianghai Europe GmbH CD299PG Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9
Custom products are available on request.
CD
299 PG Series
Ratings for CD 299
PG Series
V
DC
(Surge
Voltage)
Code
Rated
Capa-
citance
Max ESR
20°C,
120Hz
Typ ESR
20°C,
120Hz
Max
Ripple
Current
105°C,
120Hz
Size
Ø
D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
160
(200)
2C
270
737
516
1,10
22 x 25
330
603
423
1,20
22 x 30
390
511
358
1,30
25 x 25
470
424
297
1,40
22 x 35
424
297
1,40
25 x 30
560
356
249
1,50
22 x 40
356
249
1,50
30 x 25
680
293
205
1,70
22 x 45
293
205
1,70
25 x 35
293
205
1,70
30 x 30
820
243
170
2,00
25 x 40
1 000
199
140
2,20
25 x 45
199
140
2,20
30 x 35
1 200
166
117
2,30
25 x 50
166
117
2,30
30 x 40
166
117
2,30
35 x 35
1 500
133
93
2,50
30 x 45
133
93
2,50
35 x 40
1 800
111
78
2,70
30 x 50
111
78
2,70
35 x 45
2 200
91
64
2,90
35 x 50
180
(225)
2K
220
905
634
1,00
22 x 25
330
603
423
1,20
22 x 30
603
423
1,20
25 x 25
470
424
297
1,40
22 x 35
424
297
1,40
25 x 30
424
297
1,40
30 x 25
560
356
249
1,50
22 x 40
356
249
1,50
25 x 35
680
293
205
1,70
22 x 50
293
205
1,70
25 x 40
293
205
1,70
30 x 30
820
243
170
2,00
25 x 45
243
170
2,00
30 x 35
243
170
2,00
35 x 30
1 000
199
140
2,20
30 x 40
1 200
166
117
2,30
30 x 45
166
117
2,20
35 x 35
1 500
133
93
2,50
30 x 50
133
93
2,50
35 x 40
1 800
111
78
2,70
35 x 45
2 200
91
64
2,90
35 x 50
200
(250)
2D
220
905
634
1,00
22 x 25
270
737
516
1,10
22 x 30
737
516
1,10
25 x 25
390
511
358
1,30
22 x 35
511
358
1,30
25 x 30
511
358
1,30
30 x 25
470
424
297
1,40
22 x 40
424
297
1,40
25 x 35
424
297
1,40
30 x 30
560
356
249
1,50
22 x 45
680
293
205
1,70
25 x 40
293
205
1,70
30 x 35
820
243
170
2,00
25 x 50
243
170
2,00
30 x 40
243
170
2,00
35 x 30
1 000
199
140
2,20
30 x 45
199
140
2,20
35 x 35
1 200
166
117
2,30
30 x 50
166
117
2,30
35 x 40
1 500
133
93
2,50
35 x 50
250
(300)
2E
180
1 106
774
0,90
22 x 30
220
905
634
1,00
25 x 25
270
737
516
1,10
22 x 35
737
516
1,10
25 x 30
737
516
1,10
30 x 25
330
603
423
1,20
22 x 40
603
423
1,20
25 x 35
390
511
358
1,30
22 x 45
511
358
1,30
25 x 40
511
358
1,30
30 x 30
470
424
297
1,40
25 x 45
424
297
1,40
30 x 35
424
297
1,40
35 x 30
560
356
249
1,50
25 x 50
680
293
205
1,70
30 x 45
293
205
1,70
35 x 35
820
243
170
2,00
30 x 50
243
170
2,00
35 x 40
1 000
199
140
2,20
35 x 45
1 200
166
117
2,30
35 x 50
315
(365)
2F
82
2 427
1 335
0,64
22 x 25
100
1 990
1 095
0,69
22 x 30
120
1 658
912
0,75
25 x 25
V
DC
(Surge
Voltage)
Code
Rated
Capa-
citance
Max ESR
20°C,
120Hz
Typ ESR
20°C,
120Hz
Max
Ripple
Current
105°C,
120Hz
Size
Ø
D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
315
(365)
2F
150
1 327
730
0,82
22 x 35
1 327
730
0,82
25 x 30
1 327
730
0,82
30 x 25
180
1 106
608
0,90
22 x 40
1 106
608
0,90
25 x 35
220
905
498
1,00
22 x 45
905
498
1,00
25 x 40
905
498
1,00
30 x 30
270
737
406
1,10
25 x 45
737
406
1,10
30 x 35
737
406
1,10
35 x 30
330
603
332
1,20
25 x 50
603
332
1,20
30 x 40
390
511
281
1,30
30 x 45
511
281
1,30
35 x 35
470
424
233
1,40
30 x 50
424
233
1,40
35 x 40
560
356
196
1,50
35 x 45
680
293
161
1,70
35 x 50
350
(400)
2V
82
2 427
1 335
0,64
22 x 25
100
1 990
1 095
0,69
22 x 30
1 990
1 095
0,69
25 x 25
120
1 658
912
0,75
22 x 35
1 658
912
0,75
25 x 30
150
1 327
730
0,82
22 x 40
1 327
730
0,82
30 x 25
180
1 106
608
0,90
22 x 45
1 106
608
0,90
25 x 35
1 106
608
0,90
30 x 30
220
905
498
1,00
22 x 50
905
498
1,00
25 x 40
270
737
406
1,10
25 x 50
737
406
1,10
30 x 35
737
406
1,10
35 x 30
330
603
332
1,20
30 x 45
603
332
1,20
35 x 35
390
511
281
1,30
30 x 50
511
281
1,30
35 x 40
560
356
196
1,50
35 x 50
400
(450)
2G
56
3 553
1 954
0,51
22 x 25
68
2 926
1 610
0,56
22 x 30
2 926
1 610
0,56
25 x 25
82
2 427
1 335
0,64
22 x 35
100
1 990
1 095
0,69
25 x 30
120
1 658
912
0,75
22 x 40
1 658
912
0,75
25 x 35
1 658
912
0,75
30 x 25
150
1 327
730
0,82
22 x 50
1 327
730
0,82
25 x 40
1 327
730
0,82
30 x 30
180
1 106
608
0,90
25 x 45
1 106
608
0,90
30 x 35
1 106
608
0,90
35 x 25
220
905
498
1,00
25 x 50
905
498
1,00
30 x 40
905
498
1,00
35 x 30
270
737
406
1,10
30 x 45
737
406
1,10
35 x 35
330
603
332
1,20
30 x 50
603
332
1,20
35 x 40
390
511
281
1,30
35 x 45
470
424
233
1,40
35 x 50
450
(500)
2W
39
6 802
3 061
0,37
22 x 25
47
5 644
2 540
0,40
22 x 30
56
4 737
2 132
0,47
22 x 35
4 737
2 132
0,47
25 x 25
68
3 901
1 756
0,53
22 x 40
3 901
1 756
0,53
25 x 30
82
3 235
1 456
0,56
22 x 45
3 235
1 456
0,56
25 x 35
3 235
1 456
0,56
30 x 25
100
2 653
1 194
0,64
22 x 50
2 653
1 194
0,64
25 x 40
2 653
1 194
0,64
30 x 30
120
2 211
995
0,72
25 x 45
150
1 769
796
0,79
25 x 50
1 769
796
0,79
30 x 40
1 769
796
0,79
35 x 30
180
1 474
664
0,87
30 x 45
1 474
664
0,87
35 x 35
220
1 206
543
1,00
30 x 50
1 206
543
1,00
35 x 40
270
983
443
1,19
35 x 45
330
804
362
1,38
35 x 50
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Podobny numer części - CD299PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Podobny opis - CD299PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CD29HQH JIANGHAI-CD29HQH Datasheet
986Kb / 4P
   EC Snap-In 105째C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD29DHR JIANGHAI-CD29DHR Datasheet
981Kb / 4P
   EC Snap-In 85째C Longest Lifetime 7.000h Miniaturized (Snap-In)
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
   EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
CD294BW JIANGHAI-CD294BW Datasheet
926Kb / 5P
   EC Snap-In Standard 105째C 4.000h Lifetime(Snap-In)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CD29LQL JIANGHAI-CD29LQL Datasheet
1Mb / 4P
   EC Snap-In 85째C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD139BL JIANGHAI-CD139BL Datasheet
1Mb / 4P
   EC Screw 105째C Longest Lifetime 9.000h High Reliability at High Voltage(Screw)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com