Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC07COA Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części TC07COA
Szczegółowy opis  3V Logic Output Temperature Sensor with Programmable Hysteresis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC07COA Arkusz danych(HTML) 3 Page - Microchip Technology

  TC07COA Datasheet HTML 1Page - Microchip Technology TC07COA Datasheet HTML 2Page - Microchip Technology TC07COA Datasheet HTML 3Page - Microchip Technology TC07COA Datasheet HTML 4Page - Microchip Technology TC07COA Datasheet HTML 5Page - Microchip Technology TC07COA Datasheet HTML 6Page - Microchip Technology TC07COA Datasheet HTML 7Page - Microchip Technology TC07COA Datasheet HTML 8Page - Microchip Technology TC07COA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2005 Microchip Technology Inc.
DS21674C-page 3
TC07
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC07 programs with resistors connected from the
TSET and HSET inputs to VDD. Output pins OUT and
OUT are driven active when the temperature exceeds
the setting determined by the programming resistor on
TSET. The outputs are maintained (latched) in their
active states until temperature drops below the setting
determined by the programming resistor on HSET
(Figure 3-1).
FIGURE 3-1:
TC07 OUTPUT
WAVEFORMS
Pin No.
(8-Pin SOIC)
(8-Pin MSOP)
Symbol
Description
1
NC
No Internal Connection
2HSET
Absolute Accuracy
3TSET
Absolute Accuracy
4
GND
Ground
5OUT
Minimum Hysteresis
6
OUT
Absolute Accuracy
7
NC
No Internal Connection
8VDD
Supply Voltage Range
Temperature
OUT
Temperature set
by Resistor on TSET
Hysteresis set by
Resistor on HSET
OUT


Podobny numer części - TC07COA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC07COA TELCOM-TC07COA Datasheet
46Kb / 3P
   3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
More results

Podobny opis - TC07COA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC07 TELCOM-TC07 Datasheet
46Kb / 3P
   3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
   Low logic control with hysteresis
Rev. D, 8-Oct-12
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Analog Devices
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
   3V Hall Effect Linear Sensor with I2C Output
logo
Analog Devices
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
   Dual 0.275% Comparators and Reference with Programmable Hysteresis
REV. 0
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com