Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2117-1.8EDTR Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części TC2117-1.8EDTR
Szczegółowy opis  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-1.8EDTR Arkusz danych(HTML) 5 Page - Microchip Technology

  TC2117-1.8EDTR Datasheet HTML 1Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 2Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 3Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 4Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 5Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 6Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 7Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 8Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 5
TC2117
Typical Performance Curves (Continued)
FIGURE 2-7:
Power Supply Rejection
Ratio.
FIGURE 2-8:
Load Step Response.
FIGURE 2-9:
Line Step Response
-70
-60
-50
-40
-30
-20
-10
f (Hz)
10
100
1k
10k
100k
1M
600 mA/DIV
50 mV/DIV
VIN=4.0V
VOUT=3.0V
CIN=1 µF Ceramic
COUT=10 µF Ta
VOUT
50 mV/DIV
COUT=10 µF Tantalum (0.25Ω ESR)
IOUT=300 mA
VIN=4.0V to 5.0V
CIN=NA


Podobny numer części - TC2117-1.8EDTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2117-1.8VDB MICROCHIP-TC2117-1.8VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VDBTR MICROCHIP-TC2117-1.8VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VEBTR MICROCHIP-TC2117-1.8VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Podobny opis - TC2117-1.8EDTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com