Zakładka z wyszukiwarką danych komponentów |
|
DAC-08 Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
DAC-08 Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 14 page DAC−08 SERIES http://onsemi.com 5 AC ELECTRICAL CHARACTERISTICS Characteristic Symbol Test Conditions DAC−08C DAC−08E DAC−08H Unit Min Typ Max Min Typ Max Min Typ Max Settling Time tS To "1/2LSB, All Bits Switched On or Off, Tamb = 25°C − 70 135 − 70 135 − 70 135 ns Propagation Delay ns Low-to-High tPLH Tamb = 25°C, Each Bit High-to-Low tPHL All Bits Switched − 35 60 − 35 60 − 35 60 TEST CIRCUITS CONTROL LOGIC DAC-08 REFERENCE DAC ACCURACY > 0.006% NE5534 ERROR OUTPUT V− V+ − + 16 14 15 5-12 1 2 4 13 3 VREF RREF Rf R15 Figure 2. Relative Accuracy Test Circuit FOR SETTLING TIME MEASUREMENT (ALL BITS SWITCHED LOW TO HIGH) USE RL to GND FOR TURN OFF MEASUREMENT SETTLING TIME TRANSIENT RESPONSE eIN 2.4 V 0.4 V 1.0 V 0 0 -100 mV 1.4 V RL = 500 W RL = 50 W PIN 4 TO GND tS = 70 ns TYPICAL TO ±1/2 LSB tPHL = tPLH = 10 ns tPHL tPLH CO ≤ 25 pF 15 pF 5 6 7 8 9 10 11 12 3 13 14 15 1 2 4 16 DAC-08 VEE VCC eIN eO 0.1 mF 0.1 mF 0.1 mF RL +2.0 VDC 1.0 k W 1.0 k W 51 W Figure 3. Transient Response and Settling Time |
Podobny numer części - DAC-08 |
|
Podobny opis - DAC-08 |