Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1271ARVCTTR Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części TC1271ARVCTTR
Szczegółowy opis  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ARVCTTR Arkusz danych(HTML) 5 Page - Microchip Technology

  TC1271ARVCTTR Datasheet HTML 1Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 2Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 3Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 4Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 5Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 6Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 7Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 8Page - Microchip Technology TC1271ARVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 5
TC1270A/70AN/71A
1.1.2
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 1-2:
MR PIN AND RESET PIN WAVEFORM
FIGURE 1-3:
DEVICE VOLTAGE AND RESET PIN (ACTIVE LOW) WAVEFORM
TABLE 1-1:
RESET AND DEVICE RESET TIMER REQUIREMENTS
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = -40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym
Min
Typ(1)
Max
Units
Test Conditions
V
DD to Reset Delay
tRD
—50
µs
VDD = VTRIP(MAX) to
VTRIP(MIN) –125 mV
Reset Active
Timeout
Period
TC127XAxBVyy (3)
tRST
1.09
2.19
4.38
ms
VDD = VTRIP(MAX)
TC127XAxCVyy (3)
17.5
35
70
ms
VDD = VTRIP(MAX)
TC127XAxVyy (3)
140
280
560
ms
VDD = VTRIP(MAX)
MR Minimum Pulse Width
tMR
10
µs
MR Noise Immunity
tMRNI
—0.1
µs
MR to Reset Propagation Delay
tMD
—0.2
µs
Note 1:
Unless otherwise stated, data in the Typical (“Typ”) column is at 5V, +25
°C.
2:
RST output for TC1270A, RST output for TC1271A.
3:
TC127XA refers to either the TC1270A, TC1270AN or TC1271A device. “x” indicated the selected Voltage
Trip Point, while “yy” indicates the package code.
MR
RST
tRST
tMR
RST
tMD
tMRNI
VTRIP(MAX)
VTRIP(MIN)
1V
VDD
VTRIP
tRST
RST(1)
RST
tRST
tRD
VDD < 1V is outside the device operating specification. The RST (or RST) output state is unknown while VDD < 1V.
Note 1:
The TC1270AN requires an external pull-up resistor.


Podobny numer części - TC1271ARVCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1271A MICROCHIP-TC1271A Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271AMAVRCTR MICROCHIP-TC1271AMAVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271ASBVCTTR MICROCHIP-TC1271ASBVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271ATVRCTR MICROCHIP-TC1271ATVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Podobny opis - TC1271ARVCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com