Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1270ATBVRCTR Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części TC1270ATBVRCTR
Szczegółowy opis  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ATBVRCTR Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button TC1270ATBVRCTR Datasheet HTML 5Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 6Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 7Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 8Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 9Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 10Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 11Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 12Page - Microchip Technology TC1270ATBVRCTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 9
TC1270A/70AN/71A
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-13:
VTRIP and VHYS vs.
Temperature
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-14:
VTRIP and VHYS vs.
Temperature
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-15:
VTRIP and VHYST vs.
Temperature
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
FIGURE 2-16:
VOL vs. IOL
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-17:
VOL vs. IOL
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-18:
VOL vs. IOL
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
4.605
4.61
4.615
4.62
4.625
4.63
4.635
4.64
4.645
4.65
-40
25
125
Temperature (°C)
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
VTRIP (with VDD Falling)
VHYS
VTRIP (with VDD Rising)
3.066
3.068
3.07
3.072
3.074
3.076
3.078
3.08
3.082
3.084
3.086
-40
25
125
Temperature (°C)
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
VHYS
VTRIP (with VDD Falling)
VTRIP (with VDD Rising)
2.61
2.615
2.62
2.625
2.63
2.635
2.64
-40
25
125
Temperature (°C)
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
VHYS
VTRIP (with VDD Falling)
VTRIP (with VDD Rising)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.00
1.00
2.00
3.00
4.00
IOL (mA)
2.0V
3.0V
4.3V
4.4V
4.5V
0
0.05
0.1
0.15
0.2
0.25
02
46
8
IOL (mA)
3.2V
4.0V
4.5V
5.0V
5.5V
3.15
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
1
234
IOL (mA)
2.0V
2.45V
2.5V


Podobny numer części - TC1270ATBVRCTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVRCTR MICROCHIP-TC1270ALBVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270AMAVRCTR MICROCHIP-TC1270AMAVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270AN MICROCHIP-TC1270AN Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ANLAVCTTR MICROCHIP-TC1270ANLAVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Podobny opis - TC1270ATBVRCTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com