Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK10C48-N25I Arkusz danych(PDF) 4 Page - Simtek Corporation

Numer części STK10C48-N25I
Szczegółowy opis  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48-N25I Arkusz danych(HTML) 4 Page - Simtek Corporation

  STK10C48-N25I Datasheet HTML 1Page - Simtek Corporation STK10C48-N25I Datasheet HTML 2Page - Simtek Corporation STK10C48-N25I Datasheet HTML 3Page - Simtek Corporation STK10C48-N25I Datasheet HTML 4Page - Simtek Corporation STK10C48-N25I Datasheet HTML 5Page - Simtek Corporation STK10C48-N25I Datasheet HTML 6Page - Simtek Corporation STK10C48-N25I Datasheet HTML 7Page - Simtek Corporation STK10C48-N25I Datasheet HTML 8Page - Simtek Corporation STK10C48-N25I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STK10C48
March 2006
4
Document Control # ML0002 rev 0.2
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ VIH during address transitions. NE ≥ VIH.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK10C48-25
STK10C48-35
STK10C48-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
17
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
19
tEHAX
15
tDVEH
16
tEHDX


Podobny numer części - STK10C48-N25I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK10C48-N25I ETC-STK10C48-N25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

Podobny opis - STK10C48-N25I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com