Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK10C48-PF35I Arkusz danych(PDF) 5 Page - Simtek Corporation

Numer części STK10C48-PF35I
Szczegółowy opis  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48-PF35I Arkusz danych(HTML) 5 Page - Simtek Corporation

  STK10C48-PF35I Datasheet HTML 1Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 2Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 3Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 4Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 5Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 6Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 7Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 8Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STK10C48
March 2006
5
Document Control # ML0002 rev 0.2
MODE SELECTION
Note k:
An automatic RECALL takes place at power up, starting when VCC exceeds 4.25V and taking tRESTORE.
STORE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note l:
Measured with W and NE both returned high, and G returned low. STORE cycles are inhibited below 4.0V.
Note m: Once tWC has been satisfied by NE, G, W and E, the STORE cycle is completed automatically. Any of NE, G, W or E may be used to terminate
the STORE initiation cycle.
Note n:
If E is low for any period of time in which W is high while G and NE are low, then a RECALL cycle may be initiated.
STORE CYCLE #1: W Controlledn
STORE CYCLE #2: E Controlledn
E
W
G
NE
MODE
POWER
H
X
X
X
Not Selected
Standby
L
H
L
H
Read SRAM
Active
L
L
X
H
Write SRAM
Active
L
H
L
L
Nonvolatile RECALLk
Active
L
L
H
L
Nonvolatile STORE
ICC2
L
L
L
H
L
H
L
X
No Operation
Active
NO.
SYMBOLS
PARAMETER
MIN
MAX
UNITS
#1
#2
Alt.
22
tWLQX
l
tELQX
tSTORE
STORE Cycle Time
10
ms
23
tWLNH
m
tELNH
tWC
STORE Initiation Cycle Time
20
ns
24
tGHNL
Output Disable Set-up to NE Fall
0
ns
25
tGHEL
Output Disable Set-up to E Fall
0
ns
26
tNLWL
tNLEL
NE Set-up
0
ns
27
tELWL
Chip Enable Set-up
0
ns
28
tWLEL
Write Enable Set-up
0
ns
HIGH IMPEDANCE
NE
G
W
E
DQ (DATA OUT)
24
tGHNL
26
tNLWL
23
tWLNH
27
tELWL
22
tWLQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
26
tNLEL
25
tGHEL
28
tWLEL
23
tELNH
22
tELQX


Podobny numer części - STK10C48-PF35I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK10C48-P20 ETC-STK10C48-P20 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P20I ETC-STK10C48-P20I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P25 ETC-STK10C48-P25 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P25I ETC-STK10C48-P25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P35 ETC-STK10C48-P35 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

Podobny opis - STK10C48-PF35I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com